Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083P Datasheet(PDF) 15 Page - Xicor Inc.

Part # X5083P
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083P Datasheet(HTML) 15 Page - Xicor Inc.

Back Button X5083P Datasheet HTML 11Page - Xicor Inc. X5083P Datasheet HTML 12Page - Xicor Inc. X5083P Datasheet HTML 13Page - Xicor Inc. X5083P Datasheet HTML 14Page - Xicor Inc. X5083P Datasheet HTML 15Page - Xicor Inc. X5083P Datasheet HTML 16Page - Xicor Inc. X5083P Datasheet HTML 17Page - Xicor Inc. X5083P Datasheet HTML 18Page - Xicor Inc. X5083P Datasheet HTML 19Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
X5083
Characteristics subject to change without notice.
15 of 21
REV 1.1.6 6/25/02
www.xicor.com
Power-Up and Power-Down Timing
RESET Output Timing
Note:
(5) This parameter is periodically sampled and not 100% tested.
(6) PT= Package/Temperature
CS vs. RESET Timing
RESET Output Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
VTRIP
Reset trip point voltage, X5083PT-4.5A (See note 6)
Reset trip point voltage, X5083PT
Reset trip point voltage, X5083PT-2.7A
Reset trip point voltage, X5083PT-2.7
4.5
4.25
2.85
2.55
4.63
4.38
2.93
2.63
4.75
4.5
3.00
2.7
V
tPURST
Power-up reset time out
100
200
280
ms
tRPD
(5)
VCC detect to reset/output
500
ns
tF
(5)
VCC fall time
0.1
ns
tR
(5)
VCC rise time
0.1
ns
VRVALID
Reset valid VCC
1V
Symbol
Parameter
Min.
Typ.
Max.
Unit
tWDO
Watchdog time out period,
WD1 = 1, WD0 = 1(default)
WD1 = 1, WD0 = 0
WD1 = 0, WD0 = 1
WD1 = 0, WD0 = 0
100
450
1
OFF
200
600
1.4
300
800
2
ms
ms
sec
tCST
CS pulse width to reset the watchdog
400
ns
tRST
Reset time out
100
200
300
ms
VCC
tPURST
tPURST
tR
tF
tRPD
RESET
0 Volts
VTRIP
VTRIP
CS
tCST
RESET
tWDO
tRST
tWDO
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com