Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083P Datasheet(PDF) 20 Page - Xicor Inc.

Part # X5083P
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083P Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X5083P Datasheet HTML 13Page - Xicor Inc. X5083P Datasheet HTML 14Page - Xicor Inc. X5083P Datasheet HTML 15Page - Xicor Inc. X5083P Datasheet HTML 16Page - Xicor Inc. X5083P Datasheet HTML 17Page - Xicor Inc. X5083P Datasheet HTML 18Page - Xicor Inc. X5083P Datasheet HTML 19Page - Xicor Inc. X5083P Datasheet HTML 20Page - Xicor Inc. X5083P Datasheet HTML 21Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
X5083
Characteristics subject to change without notice.
20 of 21
REV 1.1.6 6/25/02
www.xicor.com
Ordering Information
Part Mark Convention
VCC Range
VTRIP Range
Package
Operating Temperature Range
Part Number RESET
(Active LOW)
4.5-5.5V
4.5.4.75
8-Pin PDIP
0–70°C
X5083P-4.5A
8L SOIC
0–70°C
X5083S8-4.5A
-40–85°C
X5083S8I-4.5A
4.5-5.5V
4.25.4.5
8-Pin PDIP
0–70°C
X5083P
8L SOIC
0–70°C
X5083S8
-40–85°C
X5083S8I
8L TSSOP
0–70°C
X5083V8
2.7-5.5V
2.85-3.0
8L SOIC
0–70°C
X5083S8-2.7A
-40–85°C
X5083S8I-2.7A
8L TSSOP
0–70°C
X5083V8-2.7A
2.7-5.5V
2.55-2.7
8L SOIC
0–0°C
X5083S8-2.7
-40–85°C
X5083S8I-2.7
8L TSSOP
0–70°C
X5083V8-2.7
8-Lead TSSOP
EYWW
XXXXX
583F = 2.7 to 5.5V, 0 to +70°C, VTRIP = 2.55-2.7V
583G = 2.7 to 5.5V, -40 to +85°C, VTRIP = 2.55-2.7V
X583 = 4.5 to 5.5V, 0 to +70°C, VTRIP = 4.25-4.5V
583I = 4.5 to 5.5V, -40 to +85°C, VTRIP = 4.25-4.5V
8-Lead SOIC/PDIP
X5083X
XX
F = 2.7 to 5.5V, 0 to +70°C, VTRIP = 2.55-2.7V
G = 2.7 to 5.5V, -40 to +85°C, VTRIP = 2.55-2.7V
Blank = 4.5 to 5.5V, 0 to +70°C, VTRIP = 4.25-4.5V
I = 4.5 to 5.5V, -40 to +85°C, VTRIP = 4.25-4.5V
583AN = 2.7 to 5.5V, 0 to +70°C, VTRIP = 2.85-3.0V
583AP = 2.7 to 5.5V, -40 to +85°C, VTRIP = 2.85-3.0V
583AL = 4.5 to 5.5V, 0 to +70°C, VTRIP = 4.5-4.75V
583AM = 4.5 to 5.5V, -40 to +85°C, VTRIP = 4.5-4.75V
AN = 2.7 to 5.5V, 0 to +70°C, VTRIP = 2.85-3.0V
AP = 2.7 to 5.5V, -40 to +85°C, VTRIP = 2.85-3.0V
AL = 4.5 to 5.5V, 0 to +70°C, VTRIP = 4.5-4.75V
AM = 4.5 to 5.5V, -40 to +85°C, VTRIP = 4.5-4.75V
YWW = year/work week device is packaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com