Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083P Datasheet(PDF) 4 Page - Xicor Inc.

Part # X5083P
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083P Datasheet(HTML) 4 Page - Xicor Inc.

  X5083P Datasheet HTML 1Page - Xicor Inc. X5083P Datasheet HTML 2Page - Xicor Inc. X5083P Datasheet HTML 3Page - Xicor Inc. X5083P Datasheet HTML 4Page - Xicor Inc. X5083P Datasheet HTML 5Page - Xicor Inc. X5083P Datasheet HTML 6Page - Xicor Inc. X5083P Datasheet HTML 7Page - Xicor Inc. X5083P Datasheet HTML 8Page - Xicor Inc. X5083P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
X5083
Characteristics subject to change without notice.
4 of 21
REV 1.1.6 6/25/02
www.xicor.com
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native”
voltage level. For example, if the current VTRIP is 4.4V
and the new VTRIP must be 4.0V, then the VTRIP must
be reset. When VTRIP is reset, the new VTRIP is some-
thing less than 1.7V. This procedure must be used to
set the voltage to a lower value.
To reset the new VTRIP voltage, apply the desired
VTRIP threshold voltage to the Vcc pin and tie the WP
pin to the programming voltage VP. Then send a WREN
command, followed by a write of data 00h to address
03h. CS going HIGH on the write operation initiates the
VTRIP programming sequence. Bring WP LOW to com-
plete the operation.
Note: This operation also writes 00h to array address
03h.
Figure 2. Reset VTRIP Level Sequence (VCC > 3V. WP = 15–18V)
Figure 3. Sample VTRIP Reset Circuit
012 345 67
SCK
SI
CS
06h
012 345 67 89 10
20 21 22 23
16 Bits
0003h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
1
2
3
4
8
7
6
5
X5083
VTRIP
Adj.
VP
RESET
4.7K
SI
SO
CS
SCK
µC
Adjust
Run



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com