Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083P Datasheet(PDF) 2 Page - Xicor Inc.

Part # X5083P
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083P Datasheet(HTML) 2 Page - Xicor Inc.

  X5083P Datasheet HTML 1Page - Xicor Inc. X5083P Datasheet HTML 2Page - Xicor Inc. X5083P Datasheet HTML 3Page - Xicor Inc. X5083P Datasheet HTML 4Page - Xicor Inc. X5083P Datasheet HTML 5Page - Xicor Inc. X5083P Datasheet HTML 6Page - Xicor Inc. X5083P Datasheet HTML 7Page - Xicor Inc. X5083P Datasheet HTML 8Page - Xicor Inc. X5083P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
X5083
Characteristics subject to change without notice.
2 of 21
REV 1.1.6 6/25/02
www.xicor.com
DESCRIPTION
This device combines four popular functions, Power-on
Reset Control, Watchdog Timer, Supply Voltage Super-
vision, and Block Lock Serial EEPROM Memory in one
package. This combination lowers system cost, reduces
board space requirements, and increases reliability.
Applying power to the device activates the power on
reset circuit which holds RESET active for a period of
time. This allows the power supply and oscillator to sta-
bilize before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval,
the device activates the RESET signal. The user selects
the interval from three preset values. Once selected, the
interval does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting
the system when VCC falls below the minimum VCC trip
point. RESET is asserted until VCC returns to the
proper operating level and stabilizes. Five industry
standard VTRIP thresholds are available, however, Xicor’s
unique circuits allow the threshold to be reprogrammed to
meet custom requirements or to fine-tune the threshold
for applications requiring higher precision.
PIN CONFIGURATION
PIN DESCRIPTION
Pin
(SOIC/
PDIP)
Pin
TSSOP
Name
Function
13
CS/WDI Chip Select Input. CS HIGH, deselects the device and the SO output pin is at a high
impedance state. Unless a nonvolatile write cycle is underway, the device will be in the standby
power mode. CS LOW enables the device, placing it in the active power mode. Prior to the
start of any operation after power up, a HIGH to LOW transition on CS is required.
Watchdog Input. A HIGH to LOW transition on the WDI pin restarts the Watchdog timer. The
absence of a HIGH to LOW transition within the watchdog time out period results in RESET
going active.
24
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data out on this pin.The
falling edge of the serial clock (SCK) clocks the data out.
57
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and memory data
on this pin. The rising edge of the serial clock (SCK) latches the input data. Send all opcodes
(Table 1), addresses and data MSB first.
6
8
SCK
Serial Clock. The Serial Clock controls the serial bus timing for data input and output. The rising
edge of SCK latches in the opcode, address, or data bits present on the SI pin. The falling edge of
SCK changes the data output on the SO pin.
35
WP
Write Protect. When WP is LOW, nonvolatile write operations to the memory are prohibited.
This “Locks” the memory to protect it against inadvertent changes when WP is HIGH, the
device operates normally.
46
VSS
Ground
82
VCC
Supply Voltage
7
1
RESET
Reset Output. RESET is an active LOW, open drain output which goes active whenever VCC
falls below the minimum VCC sense level. It will remain active until VCC rises above the
minimum VCC sense level for 250ms. RESET goes active if the watchdog timer is enabled and
CS remains either HIGH or LOW longer than the selectable watchdog time out period.
A falling edge of CS will reset the watchdog timer. RESET goes active on power up at about
1V and remains active for 250ms after the power supply stabilizes.
SCK
SI
VSS
WP
VCC
CS/WDI
SO
1
2
3
4
8
7
6
5
8-Lead TSSOP
X5083
RESET
8-Lead SOIC, PDIP
X5083
CS/WDI
WP
SO
1
2
3
4
RESET
8
7
6
5
VCC
VSS
SCK
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com