Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABST Datasheet(PDF) 4 Page - Analog Devices

Part # AD9975ABST
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABST Datasheet(HTML) 4 Page - Analog Devices

  AD9975ABST Datasheet HTML 1Page - Analog Devices AD9975ABST Datasheet HTML 2Page - Analog Devices AD9975ABST Datasheet HTML 3Page - Analog Devices AD9975ABST Datasheet HTML 4Page - Analog Devices AD9975ABST Datasheet HTML 5Page - Analog Devices AD9975ABST Datasheet HTML 6Page - Analog Devices AD9975ABST Datasheet HTML 7Page - Analog Devices AD9975ABST Datasheet HTML 8Page - Analog Devices AD9975ABST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
AD9975
SPECIFICATIONS (continued)
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
SERIAL CONTROL BUS
Maximum SCLK Frequency (fSCLK)
Full
II
25
MHz
Clock Pulsewidth High (tPWH)
Full
II
18
ns
Clock Pulsewidth Low (tPWL)
Full
II
18
ns
Clock Rise/Fall Time
Full
II
10
µs
Data/Chip-Select Setup Time (tDS)
Full
II
25
ns
Data Hold Time (tDH)
Full
II
0
ns
Data Valid Time (tDV)
Full
II
20
ns
CMOS LOGIC INPUTS
Logic “1” Voltage
25
°CII
VDRVDD – 0.7
V
Logic “0” Voltage
25
°CII
0.4
V
Logic “1” Current
25
°CII
12
µA
Logic “0” Current
25
°CII
12
µA
Input Capacitance
25
°C
III
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic “1” Voltage
Full
II
VDRVDD – 0.6
V
Logic “0” Voltage
25
°CII
0.4
V
Digital Output Rise/Fall Time
Full
II
1.5
2.5
ns
POWER SUPPLY
All Blocks Powered Up
IS_TOTAL (Total Supply Current)
25
°CI
210
227
mA
Digital Supply Current (IDRVDD + IDVDD)25
°C
III
22.5
mA
Clock Supply Current (ICLKVDD)25
°C
III
5.5
mA
Analog Supply Current (IAVDD)25
°C
III
182
mA
Power Consumption of Functional Blocks
Rx LPF
25
°C
III
110
mA
ADC and SPGA
25
°C
III
55
mA
Rx Reference
25
°C
III
2
mA
Interpolator
25
°C
III
20
mA
DAC
25
°C
III
18
mA
PLL-A
25
°C
III
22
All Blocks Powered Down
IS_TOTAL (Total Supply Current)
25
°CI
21
27
mA
Digital Supply Current (IDRVDD + IDVDD)25
°C
III
10
mA
Clock Supply Current (ICLKVDD)25
°C
III
0
mA
Analog Supply Current (IAVDD)25
°C
III
11
mA
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Power Supply (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.9 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Digital Inputs . . . . . . . . . . . . . . . . –0.3 V to DRVDD + 0.3 V
Analog Inputs . . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300
°C
*Absolute Maximum Ratings are limiting values to be applied individually and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
Devices are 100% production tested at 25
°C and guaranteed
by design and characterization testing for the commercial
operating temperature range (–40
°C to +85°C).
II. Parameter is guaranteed by design and/or characterization
testing.
III. Parameter is a typical value only.
THERMAL CHARACTERISTICS
Thermal Resistance
48-Lead LQFP
θ
JA = 57ºC/W
θJC = 28ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com