Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABST Datasheet(PDF) 12 Page - Analog Devices

Part # AD9975ABST
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9975ABST Datasheet HTML 8Page - Analog Devices AD9975ABST Datasheet HTML 9Page - Analog Devices AD9975ABST Datasheet HTML 10Page - Analog Devices AD9975ABST Datasheet HTML 11Page - Analog Devices AD9975ABST Datasheet HTML 12Page - Analog Devices AD9975ABST Datasheet HTML 13Page - Analog Devices AD9975ABST Datasheet HTML 14Page - Analog Devices AD9975ABST Datasheet HTML 15Page - Analog Devices AD9975ABST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
–12–
AD9975
TRANSMIT PATH
The AD9975 transmit path consists of a digital interface port,
a bypassable 2
× interpolation filter, and a transmit DAC. The
clock signals required by these blocks are generated by the inter-
nal PLL. The block diagram below shows the interconnection
between the major functional components of the transmit path.
INTERPOLATION FILTER
The interpolation filter can be programmed to run at a 2
×
upsampling ratio in either a low-pass filter or band-pass filter
mode. The transfer functions of these two modes are shown in
TPC 1 and TPC 2, respectively. The y-axes of the figures show
the magnitude response of the filters in dB, and the x-axes show
the frequency normalized to FDAC. The top trace of the plot shows
the discrete time transfer function of the interpolation filter. The
bottom trace shows the TX path transfer function including the
sin(x)/x transfer function of the DAC. In addition to the two
upsampling modes, the interpolation filter can be programmed
into a pass-through mode if no interpolation filtering is desired.
The table below shows the following parameters as a function of
the mode in which it is programmed.
Latency – The number of clock cycles from the time a digital
impulse is written to the DAC until the peak value is output at
the TX+ and TX– Pins.
Flush – The number of clock cycles from the time a digital
impulse is written to the DAC until the output at the TX+ and
TX– Pins settles to zero.
FPASS – The frequency band over which the pass-band ripple is
less than the stated magnitude (i.e., 0.1 dB or 1.0 dB).
FSTOP – The frequency band over which the stop-band attenuation
is greater than the stated magnitude (i.e., 40 dB or 50 dB).
Table I. Interpolation Filters vs. Mode
Register 7[7:4]
0x1
0x5
Mode
2
× LPF
2
× BPF, Adj. Image
Latency, FDAC Clock Cycles
30
30
Flush, FDAC Clock Cycles
48
48
FPASS, 0.1 dB
<0.204
>0.296, <0.704
FPASS, 1.0 dB
<0.207
>0.293, <0.707
FSTOP, 40 dB
<0.296
>0.204, <0.796
FSTOP, 50 dB
<0.302
<0.198, >0.802
DPLL-A CLOCK DISTRIBUTION
Figure 1 shows the clock signals used in the transmit path. The
DAC sampling clock, fDAC, is generated by DPLL-A. fDAC has a
frequency equal to L
× f
OSCIN, where L is the PLL clock multiplier
value and fOSCIN is the frequency of the input to PLL-A. The value
of L is programmed through the serial interface port and can be
set to 1, 2, 4, or 8. The transmit path expects a new input sample
at the ADIO interface at a rate of fDAC/2 if the interpolation
filter is being used. If the interpolation filter is bypassed, the
transmit path expects a new input sample at the ADIO interface
at a rate of fDAC.
D/A CONVERTER
The AD9975 DAC provides differential output current on the
TX+ and TX– pins. The values of the output currents are comple-
mentary, meaning they will always sum to IFS, the full-scale
current of the DAC. For example, when the current from TX+
is at full scale, the current from TX– is zero. The two currents
will typically drive a resistive load that will convert the output
currents to a voltage. The TX+ and TX– output currents are
inherently ground seeking and should each be connected to
matching resistors, RL, that are tied directly to AGND.
The full-scale output current of the DAC is set by the value of
the resistor placed from the FS ADJ pin to AGND. The rela-
tionship between the resistor, RSET, and the full-scale output
current is governed by the following equation:
IR
FS
SET
= 39 4
./
The full-scale current can be set from 2 to 20 mA. Generally, there
is a trade-off between DAC performance and power consumption.
The best DAC performance will be realized at an IFS of 20 mA.
However, the value of IFS adds directly to the overall current
consumption of the device.
The single-ended voltage outputs appearing at the TX+ and
TX– nodes are:
VI
R
TX
TX
L
++
=×
VI
R
TX
TX
L
––
=×
Note that the full-scale voltage of VTX+ and VTX– should not
exceed the maximum output compliance range of 1.5 V to pre-
vent signal compression. To maintain optimum distortion and
linearity performance, the maximum voltages at VTX+ and VTX–
should not exceed
±0.5 V.
The single-ended full-scale voltage at either output node will be:
VI
R
FS
FS
L
=×
The differential voltage, VDIFF, appearing across VTX+ and VTX– is:
VI
I
R
DIFF
TX
TX
L
=×
+
(–
)
–
and
VI
R
DIFF
FS
FS
L
_
=×
It should be noted that the differential output impedance of the
DAC is 2
× R
L and any load connected across the two output
resistors will load down the output voltage accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com