Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABST Datasheet(PDF) 3 Page - Analog Devices

Part # AD9975ABST
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABST Datasheet(HTML) 3 Page - Analog Devices

  AD9975ABST Datasheet HTML 1Page - Analog Devices AD9975ABST Datasheet HTML 2Page - Analog Devices AD9975ABST Datasheet HTML 3Page - Analog Devices AD9975ABST Datasheet HTML 4Page - Analog Devices AD9975ABST Datasheet HTML 5Page - Analog Devices AD9975ABST Datasheet HTML 6Page - Analog Devices AD9975ABST Datasheet HTML 7Page - Analog Devices AD9975ABST Datasheet HTML 8Page - Analog Devices AD9975ABST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
AD9975
–3–
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
RX PATH LPF (Low Cutoff Frequency)
Cutoff Frequency
Full
III
12
MHz
Cutoff Frequency Variation
Full
III
±7%
Attenuation @ 22 MHz
Full
III
20
dB
Pass-Band Ripple
Full
II
±1.0
dB
Group Delay Variation
Full
II
30
ns
Settling Time (to 1% FS, Min to Max Gain Change)
25
°CII
150
ns
Total Harmonic Distortion at Max Gain (THD)
Full
I
–61
dBc
RX PATH LPF (High Cutoff Frequency)
Cutoff Frequency
Full
III
26
MHz
Cutoff Frequency Variation
Full
III
±7%
Attenuation @ 35 MHz
Full
III
20
dB
Pass-Band Ripple
Full
II
±1.2
dB
Group Delay Variation
Full
II
15
ns
Settling Time (to 1% FS, Min to Max Gain Change)
25
°CII
80
ns
Total Harmonic Distortion at Max Gain (THD)
Full
I
–61
dBc
RX PATH DIGITAL HPF
Latency (ADC Clock Source Cycles)
1
Cycle
Roll-Off in Stop Band
6
dB/Octave
–3 dB Frequency
fADC /400
Hz
POWER-DOWN/DISABLE TIMING
Power-Down Delay (Active-to-Power-Down)
DAC
25
°CII
200
ns
Interpolator
25
°CII
200
ns
Power-Up Delay (Power-Down-to-Active)
DAC
25
°CII
10
µs
PLL
25
°CII
10
µs
ADC
25
°CII
1000
µs
PGA
25
°CII
1
µs
LPF
25
°CII
1
µs
Interpolator
25
°CII
200
ns
Minimum RESET Pulsewidth Low (tRL)
Full
III
5
fOSCIN Cycles
ADIO PORT INTERFACE
Maximum Input Word Rate
25
°CI
100
MHz
TX-Data Setup Time (tSU)25
°CII
3.0
ns
TX-Hold Hold Time (tHD)25
°CII
0
ns
RX-Data Valid Time(tVT)25
°CII
3.0
ns
RX-Data Hold Time (tHT)25
°CII
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com