Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABST Datasheet(PDF) 2 Page - Analog Devices

Part # AD9975ABST
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABST Datasheet(HTML) 2 Page - Analog Devices

  AD9975ABST Datasheet HTML 1Page - Analog Devices AD9975ABST Datasheet HTML 2Page - Analog Devices AD9975ABST Datasheet HTML 3Page - Analog Devices AD9975ABST Datasheet HTML 4Page - Analog Devices AD9975ABST Datasheet HTML 5Page - Analog Devices AD9975ABST Datasheet HTML 6Page - Analog Devices AD9975ABST Datasheet HTML 7Page - Analog Devices AD9975ABST Datasheet HTML 8Page - Analog Devices AD9975ABST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD9975–SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
OSC IN CHARACTERISTICS
Frequency Range
Full
I
10
50
MHz
Duty Cycle
25
°CII
40
50
60
%
Input Capacitance
25
°C
III
3
pF
Input Impedance
25
°C
III
100
M
Ω
CLOCK OUTPUT CHARACTERISTICS
CLKA Jitter (FCLKA Derived from PLL)
25
°CII
14
ps rms
CLKA Duty Cycle
25
°C
III
50
±5%
TX CHARACTERISTICS
2
× Interpolation Filter Characteristics
TX Path Latency, 2
× Interpolation
Full
II
30
FDAC Cycles
Pass-Band Flatness 0 MHz to 20.7 MHz
Full
II
0.8
dB
Stop-Band Rejection @ 29.3 MHz
Full
II
35
dB
TxDAC
Resolution
Full
II
10
Bits
Conversion Rate
Full
II
10
100
MHz
Full-Scale Output Current
Full
II
2
10
20
mA
Voltage Compliance Range (TX+ or TX– AVSS) Full
II
–0.5
+1.5
V
Gain Error
25
°CII
–5.5
±2+5.0
%FS
Output Offset
25
°CII
0
2
TBD
µA
Differential Nonlinearity
25
°C
III
0.5
LSB
Integral Nonlinearity
25
°CII
1
LSB
Output Capacitance
25
°C
III
5
pF
Phase Noise @ 1 kHz Offset, 10 MHz Signal
25
°C
III
–100
dBc/Hz
Signal-to-Noise and Distortion (SINAD)
5 MHz Analog Out (20 MHz BW)
25
°CII
–60.6
dB
Wideband SFDR (to Nyquist, 50 MHz max)
25
°C
III
5 MHz Analog Out
25
°C
III
–76.2
dBc
Narrowband SFDR (3 MHz Window)
5 MHz Analog Out
25
°C
III
–77.9
dBc
IMD (f1 = 6.25 MHz, f2 = 7.8125 MHz)
25
°C
III
–77
dBFS
RX PATH CHARACTERISTICS (LFP Bypassed)
Resolution
N/A
N/A
10
Bits
Conversion Rate
Full
II
10
50
MHz
Pipeline Delay, ADC Clock Cycles
N/A
N/A
5.5
Cycles
Dynamic Performance (AIN = –0.5 dBFS, f = 5 MHz)
@ FOSCIN = 50 MHz, RX LPF Bypassed
Signal-to-Noise and Distortion Ratio (SINAD)
Full
III
–56.6
dB
Effective Number of Bits (ENOB)
Full
III
9.1
Bits
Signal-to-Noise Ratio (SNR)
Full
III
–59.2
dB
Total Harmonic Distortion (THD)
Full
III
–60.1
dB
Spurious-Free Dynamic Range (SFDR)
Full
III
–66
dB
RX PATH GAIN/OFFSET
Minimum Programmable Gain
25
°CI
–6
dB
Maximum Programmable Gain
Narrow Band Rx LPF or Rx LPF Bypassed
25
°CI
+36
dB
Wideband Rx LPF
25
°CI
+30
dB
Gain Step Size
25
°CI
2
dB
Gain Step Accuracy
25
°CII
±0.4
dB
Gain Range Error
Full
II
±1.0
dB
Absolute Gain Error, PGA Gain = 0 dB
Full
II
±0.8
dB
RX PATH INPUT CHARACTERISTICS
Input Voltage Range (Gain = –6 dB)
Full
III
4
Vppd
Input Capacitance
25
°C
III
4
pF
Differential Input Resistance
25
°C
III
270
Ω
Input Bandwidth (–3 dB) (Rx LPF Bypassed)
25
°C
III
50
MHz
Input Referred Noise (at +36 dB Gain with Filter)
25ºC
III
16
µV rms
Input Referred Noise (at –6 dB Gain with Filter)
25ºC
III
684
µV rms
Common-Mode Rejection
25ºC
III
40
dB
(VS = 3.3 V
10%, FOSCIN = 50 MHz, FDAC = 100 MHz, Gain = –6 dB,
RSET = 4.02 k , 100
DAC Load.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com