Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABST Datasheet(PDF) 7 Page - Analog Devices

Part # AD9975ABST
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9975ABST Datasheet HTML 3Page - Analog Devices AD9975ABST Datasheet HTML 4Page - Analog Devices AD9975ABST Datasheet HTML 5Page - Analog Devices AD9975ABST Datasheet HTML 6Page - Analog Devices AD9975ABST Datasheet HTML 7Page - Analog Devices AD9975ABST Datasheet HTML 8Page - Analog Devices AD9975ABST Datasheet HTML 9Page - Analog Devices AD9975ABST Datasheet HTML 10Page - Analog Devices AD9975ABST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
Typical Performance Characteristics–AD9975
–7–
FSAMPLE
10
0
0.2
0.4
0.6
0.8
1.0
–20
–60
–80
–100
0
–10
–40
–70
–90
0.1
0.3
0.5
0.7
0.9
–50
–30
INTERPOLATION FILTER
INCLUDING
SIN(X)/X
TPC 1. 2
× Low-Pass Interpolation Filter
FS – MHz
10
0
0.2
0.4
0.6
0.8
1.0
–20
–60
–80
–100
0
–10
–40
–70
–90
0.1
0.3
0.5
0.7
0.9
–50
–30
INTERPOLATION FILTER
INCLUDING
SIN(X)/X
TPC 2. 2
× Band-Pass Interpolation Filter, FS/2
Modulation, Adjacent Image Preserved
FREQUENCY – MHz
010
20
30
40
–20
–60
–80
–100
0
–10
–40
–70
–90
515
25
35
45
–50
–30
TPC 3. Single Tone Spectral Plot @ fDATA = 50 MSPS,
fOUT = 5 MHz, 2
× LPF
FREQUENCY – MHz
010
20
30
40
–20
–60
–80
–100
0
–10
–40
–70
–90
515
25
35
45
–50
–30
TPC 4. Single Tone Spectral Plot @ fDATA = 50 MSPS,
fOUT = 11 MHz, 2
× LPF
FREQUENCY – MHz
10
10.0
10.4
10.8
11.2
11.6
12.0
–20
–60
–80
–100
0
–10
–40
–70
–90
1.02
10.6
11.0
11.4
11.8
–50
–30
TPC 5. Dual Tone Spectral Plot @ fDATA = 50 MSPS,
fOUT = 6.7 MHz and 7.3 MHz, 2
× LPF
FREQUENCY – MHz
–70
0
–74
–76
–72
4
123
56789
11 12 13 14 15 16 17 18 19 20
10
–78
–80
–82
–84
–86
–88
–90
THIRD ORDER
HARMONIC
SECOND ORDER
HARMONIC
TPC 6. Harmonic Distortion vs. fOUT @fDATA = 50 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com