Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABST Datasheet(PDF) 11 Page - Analog Devices

Part # AD9975ABST
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9975ABST Datasheet HTML 7Page - Analog Devices AD9975ABST Datasheet HTML 8Page - Analog Devices AD9975ABST Datasheet HTML 9Page - Analog Devices AD9975ABST Datasheet HTML 10Page - Analog Devices AD9975ABST Datasheet HTML 11Page - Analog Devices AD9975ABST Datasheet HTML 12Page - Analog Devices AD9975ABST Datasheet HTML 13Page - Analog Devices AD9975ABST Datasheet HTML 14Page - Analog Devices AD9975ABST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD9975
–11–
0
51
54
52
50
FIN – MHz
53
26
14
18
10
16
55
48
12
20
56
57
58
TPC 25. Rx Path SNR vs. FIN, FADC = 50 MHz,
Gain = –6 dB, Rx LPF Bypassed
0
–70
–55
–65
–75
FIN – MHz
–60
26
14
18
10
16
–50
48
12
20
TPC 26. Rx Path THD vs. FIN, FADC = 50 MHz,
Gain = –6 dB, Rx LPF Bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com