Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN708 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # AN708
Description  Low-Power Universal-Input Power Supply Achieves High Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN708 Datasheet(HTML) 5 Page - Vishay Siliconix

  AN708 Datasheet HTML 1Page - Vishay Siliconix AN708 Datasheet HTML 2Page - Vishay Siliconix AN708 Datasheet HTML 3Page - Vishay Siliconix AN708 Datasheet HTML 4Page - Vishay Siliconix AN708 Datasheet HTML 5Page - Vishay Siliconix AN708 Datasheet HTML 6Page - Vishay Siliconix AN708 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN708
Vishay Siliconix
Document Number: 70581
www.vishay.com
S FaxBack 408-970-5600
5
Q1 Gate Drive (5 V/Div)
Q1 Gate Voltage (100 V/Div)
Q1 Drain Voltage (100 V/Div)
Q1 Drain Voltage (100 V/Div)
FIGURE 2. Operating Waveforms (all photos full load, VIN = 150 V dc)
a)
b)
c)
Short Circuit On 5 V Output
Voltage On U1, Pin 4 (Current Sense)
(0.5 V/Div)
NOTE: 0.8 V dc pedestal caused by
Voltage On U1, Pin 4 (Current Sense)
(0.5 V/Div)
the foldback circuit.
Measured efficiency at VIN = 300 VDC was 73.4%.
During testing, an input capacitor value of as little as 33
mF
proved adequate versus the design value of 68
mF. The
low-value capacitor produces an input ripple voltage of 30 V
pk-pk. Since the primary inductance is slightly lower than the
design maximum value, the circuit is still able to maintain
regulation with the higher input ripple voltage value. This is a
good example of where trade-offs can be made during
development programs. By using the larger input capacitance
and primary inductance, the peak input current could be
reduced slightly, and a slight improvement in efficiency should
result. However, a larger input capacitance will decrease the
conduction angle of the input rectifiers, and consequently will
reduce the input power factor. The priorities of a particular
application will determine the optimal approach.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com