Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN708 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # AN708
Description  Low-Power Universal-Input Power Supply Achieves High Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN708 Datasheet(HTML) 6 Page - Vishay Siliconix

  AN708 Datasheet HTML 1Page - Vishay Siliconix AN708 Datasheet HTML 2Page - Vishay Siliconix AN708 Datasheet HTML 3Page - Vishay Siliconix AN708 Datasheet HTML 4Page - Vishay Siliconix AN708 Datasheet HTML 5Page - Vishay Siliconix AN708 Datasheet HTML 6Page - Vishay Siliconix AN708 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AN708
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
6
Document Number: 70581
CONCLUSION
The simple universal-input power supply design that has been
presented combines economy and performance which should
prove more than adequate for the majority of applications. The
overall cost of the supply should rival linear regulators of similar
power level if heatsink cost is considered. Good regulation has
been
achieved
while
maintaining
the
3750-V
ac
input-to-output isolation mandated by VDE. The Si9120
eliminates the need for any external start-up circuitry. Also,
foldback current-limiting is demonstrated which requires no
feedback across the isolation boundary.
APPENDIX A
The SMP4N60 was tested for ability to withstand repetitive
avalanche
currents
and
for
non-repetitive
capability.
Inductance values of 12
mH and 94 mH were used. Repetitive
tests were run at 3 A, with 94
mH at 25_C. Failure current was
measured at 25
_C and 100_C. Results were as follows:
L = 94 mH
L = 12 mH
25
_C
100
_C
25
_C
100
_C
4.25 A
2.40 A
7.28 A
6.40 A
For the 11.1-W flyback supply presented here, the leakage
inductance is specified at 60
mH maximum. The maximum
drain current is set to approximately 1.0 A. Therefore, based
on the above data, adequate margin is present to prevent
avalanche failure.
APPENDIX B
A number of performance parameters of the Si9120 can be
altered by setting Ibias to a value other that 15 mA. At lower Ibias,
higher efficiency can be obtained. At higher Ibias, lower
propagation delays and a wider error amplifier bandwidth are
possible. Also, if a VCC supply other than 10 V is used, Rbias
should be something other than 390 k
W. Figure 3 below relates
VCC to Rbias and typical Ibias. The equation given can be used
for points not on the graph.
14.0
8.0
515
25
35
45
55
65
75
85
9.0
10.0
11.0
12.0
13.0
mA
FIGURE 3. Relationship of VCC to Rbias an Typical Ibias
R
bias +
V
CC –2.3V –484
I
bias
I
bias
REFERENCES
1) Liu, K.H., “Effects of Leakage Inductance on the Cross
Regulation in a Discontinuous-Mode Flyback Converter,”
Proceedings, 1989 High Frequency Power Conference,
Naples, Florida.
2) Chryssis, G., “High Frequency Switching Power Supplies,”
McGraw Hill 1984.
3) Billings, K., “Switchmode Power Supply Handbook,”
McGraw Hill 1989.
4) McLyman, Col. W.T., “Transformer and Inductor Design
Handbook,” McGraw Hill 1988.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com