Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN708 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AN708
Description  Low-Power Universal-Input Power Supply Achieves High Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN708 Datasheet(HTML) 3 Page - Vishay Siliconix

  AN708 Datasheet HTML 1Page - Vishay Siliconix AN708 Datasheet HTML 2Page - Vishay Siliconix AN708 Datasheet HTML 3Page - Vishay Siliconix AN708 Datasheet HTML 4Page - Vishay Siliconix AN708 Datasheet HTML 5Page - Vishay Siliconix AN708 Datasheet HTML 6Page - Vishay Siliconix AN708 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN708
Vishay Siliconix
Document Number: 70581
www.vishay.com
S FaxBack 408-970-5600
3
For the present example:
Output power = 5.0 V x 1.5 A + 12 V x 0.15 A x 2 = 11.1 W
If efficiency is assumed to be 70%,
Input power = 11.1 W/0.7 = 15.86 W
For a little cushion, assume a low-input line voltage of 85 V ac.
Thus,
V
dc + 85 2 + 120V dc.
Assuming a 20-V pk-pk input-capacitor ripple voltage the
minimum voltage is
= 15.86 W/ 100 V = 0.1586 A
Vmin = 120 V – 20 V = 100 V.
Iin = Pin/VDC
= 79
mF
C
+ I dt
dv
+ 0.1586 A x 0.01 s
20 V
68
mF is a standard value. With 68 mF, the ripple voltage is
= 23.5 V, an acceptable value.
Vpp + I
dt
C
+ 0.16 A
0.01 s
68E–6F
The capacitor voltage rating is calculated:
Vmax + 260 V ac x 2 + 368 V dc.
A 400-V capacitor is acceptable. A rating of 450-V dc is
preferable if high reliability is required or significant line
transients are expected.
Assuming a power factor of 0.65, the RMS input current is
= 0.287 A
Iac +
Po
hac (PF)
+
11.1 W
(0.7)(85 V)(0.65)
A 1-A bridge rectifier is more than adequate.
The primary inductance value is chosen by analyzing the
lowest input voltage case. For a given load, the value of the
peak transformer primary current will remain constant
regardless of the input voltage. Since the primary inductance
is fixed, the time to ramp to a given value of current is inversely
proportional to input voltage (V = Ldi/dt). Therefore, low line is
where the most time is needed to ramp to the desired primary
current. The duty factor limit dictates an on-time limit. After
choosing an operating frequency and calculating the peak
primary current, a value for primary inductance, LP, can be
determined as follows:
For 100 kHz, period = 10
ms.
At 50% duty factor, ton(max) = 5 ms.
= (0.1586 A) (4)
Ipk = Iin x 4
= 0.634 A pk.
For VIN (dc) = 100 V
= 788
mH.
L
+ V dt
I
pk
+
(100 V)(5E–6 s)
0.634 A
The actual inductance used was 735
mH. [For high-volume
production applications, the design engineer should consider
the worst case tolerances for clock frequency and inductor
value.]
See AN707 for transformer design equations and a fully
worked example.
The biggest considerations for universal input are related to
the additional insulation required to comply with VDE isolation
specifications. The physical space occupied by the insulation
typically reduces the useable fill factor to 25%. Furthermore,
the increase in leakage inductance caused by large physical
separation of the windings has the undesirable effects of
creating large voltage spikes on the power MOSFET drain,
contributing to power losses, and degrading load regulation.
Barrier tape at window ends will take up a lot of useable space,
so a core geometry with a long, low window should be selected
to minimize wasted area. This has the added benefit of
reducing
leakage
inductance.
(See
equation
6.4
of
reference 4.)
Wind the primary first. Apply the required insulation, and then
wind the secondaries. All secondaries should be wound
together with no intervening insulation, if voltage levels allow.
Optimal cross regulation is achieved in this way.
Further reductions in leakage inductance can be realized by
using interleaved windings. First wind one half of the primary,
followed by the secondaries and remaining primary turns. The
multiple primaries are usually connected in parallel. The spike
blanking circuit described in AN707 virtually eliminates the
primary-to-secondary leakage inductance problems, at least
from the standpoint of the regulation effects.
In selecting a power MOSFET, the main concerns will be the
rDS(on) and the drain voltage ratings. The transformer primary
voltage during the off time is VP = (Vo + VD) NP/NS. Using the
5-V winding,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com