Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN708 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AN708
Description  Low-Power Universal-Input Power Supply Achieves High Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN708 Datasheet(HTML) 2 Page - Vishay Siliconix

  AN708 Datasheet HTML 1Page - Vishay Siliconix AN708 Datasheet HTML 2Page - Vishay Siliconix AN708 Datasheet HTML 3Page - Vishay Siliconix AN708 Datasheet HTML 4Page - Vishay Siliconix AN708 Datasheet HTML 5Page - Vishay Siliconix AN708 Datasheet HTML 6Page - Vishay Siliconix AN708 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN708
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2
Document Number: 70581
FIGURE 1. Schematic for Universal-Input Power Supply
1N5822
Q2
2N7000
C11
4700 pF
C10
0.1
mF
50 V
MUR110
D1
+ C4
2200
mF
16 V
C5
0.47
mF
50 V
ac In
90 – 260 V ac
50/60 Hz
C17
0.1
mF
X
L1
8 mH
C19
0.0047
mF
Y
C8
0.0047
mF
450 V
+
C20
0.0047
mF
Y
C18
0.1
mF
X
C7
33
mF
450 V
T1
MUR110
D7
+ C21
2200
mF
16 V
C22
0.47
mF
50 V
+12 V, 150 mA
–12 V, 150 mA
RTN
RTN
18
97
R2
175 k
W
13
11
10
14
615
SENSE
OUT
BIAS
SD
5
4
16
12
Si9120
R9
2 k
W
R14
390 k
W
R4
10
W
R3
1 k
W
C15
N/U
R5
1.3
W
Q1
SMP4N60
C12
1000 pF
100 V
C14
1
mF
50 V
R10
130 k
W
D5
1N4148
D6
1N4148
D4
1N4148
R6
20
W/W
D2
+ C1
2200
mF
6.3 V
C3
0.1
mF
50 V
+5 V, 1.5 A
RTN
R1
10
W
C6
1000 pF
100 V
C2
1000
mF
6.3 V
+
L2
6
mH
C9
220 pF
R7
1.2 k
W
R8
680
W
R11
68 k
W
R12
8.2 k
W
Q3
2N4403
R13
75 k
W
R15
40.2 k
W
C13
4700 pF
D3
DB105
U1
R16
10 k
W
C6
1000 pF
D8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com