Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN708 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # AN708
Description  Low-Power Universal-Input Power Supply Achieves High Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN708 Datasheet(HTML) 7 Page - Vishay Siliconix

  AN708 Datasheet HTML 1Page - Vishay Siliconix AN708 Datasheet HTML 2Page - Vishay Siliconix AN708 Datasheet HTML 3Page - Vishay Siliconix AN708 Datasheet HTML 4Page - Vishay Siliconix AN708 Datasheet HTML 5Page - Vishay Siliconix AN708 Datasheet HTML 6Page - Vishay Siliconix AN708 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AN708
Vishay Siliconix
Document Number: 70581
www.vishay.com
S FaxBack 408-970-5600
7
UNIVERSAL INPUT POWER SUPPLY PARTS LIST
C1
2200
mF, 6.3 V Al. Electrolytic – United Chemicon SXC
. . . . . . . . . . . . .
C2
1000
mF, 6.3 V Al. Electrolytic – United Chemicon SXC
. . . . . . . . . . . . .
C3, C10
0.1
mF, 50 V Ceramic, Vishay Vitramon VJ1206Y104KXAAT
. . . . . . . . .
C4, C21
2200
mF, 16 V Al. Electrolytic – United Chemicon SXC
. . . . . . . . .
C5, C22
0.47
mF, 50 V Ceramic, Vishay Vitramon VJ1210Y474KXAAT
. . . . . . . . .
C6, C12
1000 pF, 100 V Ceramic. Vishay Vitramon VJ1206Y102KXBAT
. . . . . . . . .
C7
33
mF, 450 V Al Electrolytic (400 V ok)
. . . . . . . . . . . . .
C9
220 pF, 100 V Ceramic, Vishay Vitramon VJ1206A221KXBAT
. . . . . . . . . . . . .
C11, C13
4700 pF, 100 V Ceramic, Vishay Vitramon VJ1206Y472KXBAT
. . . . . . . .
C14
1
mF, 50 V Ceramic, Vishay Vitramon VJ1812Y105KXAAT
. . . . . . . . . . . .
C16
75 pF, 500 V Ceramic or Mica, Vishay Vitramon VJ1206A750KXEAT
. . . . . . . . . . . .
C17, C18
0.1
mF, 250 V,ac VDE Class X2 Wima MKS 4-R, Vishay Roederstein F17724102000
. . . . . . . .
C8, C19, C20
0.0047
mF, 250 V,ac VDE Class Y Wima MP3-Y, Vishay Roederstein F17724102000
. . . .
D1, D7
MUR 110 Motorola 1 A 100 V
. . . . . . . . . .
D2
1N5822 3 A, 40 V Schottky
. . . . . . . . . . . . .
D3
Bridge 1 A, 600 V DB105
. . . . . . . . . . . . .
D4, D5, D6
1N4148
. . . . . .
L1
Common mode choke Renco 1361-2
. . . . . . . . . . . . . .
L2
Inductor 6
mH, 1.5 A, Vishay Dale ILS-1206-6 mH "10%
. . . . . . . . . . . . . .
Q1
FET N-channel SMP4N60 Vishay Siliconix
. . . . . . . . . . . . .
Q2
FET N-channel 2N7000 Vishay Siliconix
. . . . . . . . . . . . .
Q3
2N4403 PNP (or 2N2907)
. . . . . . . . . . . . .
R1, R4
10
W, 1/8 Carbon Film or Metal Film, Vishay Dale TNPW120610R0FT2
. . . . . . . . . .
R2
175 k
W, 1/8 W Carbon Film or Metal Film, Vishay Dale TNPW12061753FT2
. . . . . . . . . . . . .
R3
1 k
W, 1/8 W Carbon Film or Metal Film, Vishay Dale TNPW12061001FT2
. . . . . . . . . . . . .
R5
1.3
W, 1/4 W Metal Film
. . . . . . . . . . . . .
R6
20
W, 1/2 W Metal Film
. . . . . . . . . . . . .
R7
1.2 k
W, 1/8 W Metal Film, Vishay Dale TNPW12061201FT2
. . . . . . . . . . . . .
R8
680
W, 1/8 W Metal Film, Vishay Dale TNPW12066800FT2
. . . . . . . . . . . . .
R9
2 k
W, 1/8 W Metal Film, Vishay Dale TNPW12062001FT2
. . . . . . . . . . . . .
R10
130 k
W, 1/8 W Metal Film, Vishay Dale TNPW12061303FT2
. . . . . . . . . . . .
R11
68 k
W, 1/8 W Metal Film, Vishay Dale TNPW12066802FT2
. . . . . . . . . . . . .
R12
8.2 k
W, 1/8 W Metal Film, Vishay Dale TNPW12068201FT2
. . . . . . . . . . . .
R13
75 k
W, 1/8 W 1% Metal Film, Vishay Dale TNPW12067502FT2
. . . . . . . . . . . .
R14
390 k
W, 1/8 W Metal Film, Vishay Dale TNPW12063903FT2
. . . . . . . . . . . .
R15
40.2 k
W, 1/8 W 1% Metal Film, Vishay Dale TNPW12064022FT2
. . . . . . . . . . . .
R16
330
W, 1/2 W 5% Carbon Composition
. . . . . . . . . . . .
T1
Schott Corp. #67122700
. . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com