Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN708 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AN708
Description  Low-Power Universal-Input Power Supply Achieves High Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN708 Datasheet(HTML) 1 Page - Vishay Siliconix

  AN708 Datasheet HTML 1Page - Vishay Siliconix AN708 Datasheet HTML 2Page - Vishay Siliconix AN708 Datasheet HTML 3Page - Vishay Siliconix AN708 Datasheet HTML 4Page - Vishay Siliconix AN708 Datasheet HTML 5Page - Vishay Siliconix AN708 Datasheet HTML 6Page - Vishay Siliconix AN708 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AN708
Vishay Siliconix
Document Number: 70581
www.vishay.com
S FaxBack 408-970-5600
1
Low-Power Universal-Input Power Supply
Achieves High Efficiency
Expanding global markets have created a demand for what
have become known as universal-input power supplies –– that
is, power supplies that allow devices to be plugged into wall
outlets anywhere in the world. These power supplies must be
able to operate directly from 100-, 110-, and 220-V ac power
lines without the use of selector switches or jumpers. A power
supply with the ability to operate under such conditions while
remaining cost-effective is now becoming a necessity.
In the under 30-W power range, meeting the above
requirements while maintaining high efficiency has been a
challenge. Add to this the need to meet various international
safety standards, and the circuit designer has his hands full.
The demands of low-power universal-input power supplies are
met by the Si9120 pulse width modulation (PWM) controller
from Vishay Siliconix. Using the Si9120, the flyback circuit
presented in this application note demonstrates that designing
universal-input supplies can be a simple task.
CIRCUIT TOPOLOGY
For the low power levels that are of interest here (under 30 W),
the discontinuous-mode (DCM) flyback converter is the
preferred topology. The biggest advantage of this topology is
simplicity. The parts count in the power path cannot get any
lower.
The peak-to-average primary current ratio in a DCM flyback is
high relative to other topologies; however, at low power levels,
this is not a serious drawback. On-state losses are minimal.
Magnetics are small. Also, the transformer reset voltage is set
by the minimum input voltage and remains fairly constant as
the line voltage changes. As a result, a 600-V MOSFET proves
adequate, even with ac inputs up to 300 V RMS.
The
DCM
flyback
converter,
when
operated
under
current-mode control, provides a natural input volt-second
limit, which helps keep the drain voltage from getting out of
control during line or load transient conditions. Also, today’s
power MOSFETs are able to withstand avalanche current
many times greater than a low power circuit can typically
deliver (see appendix A). As such, the MOSFET will serve as
a clamp for the occasional spike which may result from a short
circuit or extreme load transient.
Cross regulation is fairly good, especially if leakage
inductance between windings can be kept low.[1] In a
universal-input application, meeting VDE input-to-output
isolation requirements is essential. Depending on the end
product, this can be as high as 3750-V RMS, primary to
secondary –– a figure that is totally inconsistent with the desire
to achieve low leakage inductance. As a result, cross
regulation between primary and secondary- referenced
windings will be poor. This complicates the regulation of the
primary-side
bootstrap
winding
used
to
avoid
secondary-to-primary feedback across the isolation boundary.
The addition of a simple spike-blanking circuit solves the
problem (see AN707, “Designing Low-Power Off-Line Flyback
Converters Using the Si9120 Switchmode Controller IC”).
When using the Si9120 for universal-input applications, it is
recommended that a bootstrap winding be employed. While
not strictly necessary, the power dissipation and chip
temperature are higher if bootstrapping is not utilized. As an
example, at VIN = 400 V dc and ICC = 1.5 mA, the power
dissipation on the chip without a bootstrap is 600 mW. If a 10 V
bootstrap supply is used, the dissipation is only 15 mW. This
becomes more of a concern as the gate charge requirements
of the power MOSFET increase, since the value of ICC for the
controller is largely dependent on gate drive demands.
Another advantage of the DCM flyback converter is its
single-pole loop response. This makes compensating the
feedback loop comparatively simple. In addition, transient
response can be quite good in DCM flyback converters. It is
possible (though not practical in a closed-loop system) to slew
the power stage from no load to full load in only one switching
cycle.
DESIGN EXAMPLE
The circuit shown in Figure 1 is an 11.1-W, 3-output off-line
supply. The input voltage is specified from 90- to 260-V ac.
Outputs are +5 V at 1.5 A, +12 V at 150 mA, and –12 V at
150 mA. The design features full VDE isolation, primary side
regulation, and true foldback current limiting. Operating
frequency is 100 kHz.
DCM
flyback
operating
principles
are
generally
well
understood and will not be presented here. Refer to
Vishay Siliconix Application Note AN707 for a detailed design
example. References 2 and 3 are also recommended.
Sizing the input capacitor and rectifiers for universal input
requires more thought than for comparable single-input
converters. Keep in mind that while the maximum input voltage
occurs at high-input line, the maximum current stresses will
occur at low line. This implies that the input capacitor value
must be sized at low line while the voltage rating is dictated by
the high-line condition. The bridge rectifier should be rated at
600-V dc minimum. The RMS current rating is calculated
below.


Similar Part No. - AN708

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7082K PANASONIC-AN7082K Datasheet
289Kb / 5P
PRE/POWER AMPLIFIER GOVERNOR SINGLE CHIP IC FOR 3V HEADPHONE STEREO
AN7082S PANASONIC-AN7082S Datasheet
289Kb / 5P
PRE/POWER AMPLIFIER GOVERNOR SINGLE CHIP IC FOR 3V HEADPHONE STEREO
AN7086 PANASONIC-AN7086 Datasheet
61Kb / 5P
Recording/Playback Pre-/Power Amplifier IC for 3V Microcassette
AN7086S PANASONIC-AN7086S Datasheet
61Kb / 5P
Recording/Playback Pre-/Power Amplifier IC for 3V Microcassette
More results

Similar Description - AN708

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GNT30 SLPOWER-GNT30 Datasheet
377Kb / 2P
Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GNT200 SLPOWER-GNT200 Datasheet
463Kb / 3P
Universal Input Power Supply
GNT400 SLPOWER-GNT400 Datasheet
882Kb / 4P
Universal Input Medical & ITE Power Supply
GPMP900 SLPOWER-GPMP900 Datasheet
711Kb / 3P
High Power Supplies 900 Watt AC/DC Universal Input Power Supply
GSM11 SLPOWER-GSM11 Datasheet
691Kb / 2P
Low Power Medical Power Supplies 11 Watt AC/DC Universal Input Power Supply
MINT1045 SLPOWER-MINT1045_15 Datasheet
520Kb / 3P
Medical & ITE ??Universal Input Power Supply
MINT1400 SLPOWER-MINT1400 Datasheet
400Kb / 3P
Universal Input Power Supply
MINT1110 SLPOWER-MINT1110 Datasheet
489Kb / 3P
Universal Input Power Supply
MINT2270 SLPOWER-MINT2270 Datasheet
411Kb / 3P
Medical ??Universal Input Power Supply
logo
ETA-USA
AOBN-50 ETA-USA-AOBN-50 Datasheet
1Mb / 4P
50W Power Supply Universal Input PCB Mounted
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com