Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS61575
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS61575 Datasheet HTML 7Page - Cirrus Logic CS61575 Datasheet HTML 8Page - Cirrus Logic CS61575 Datasheet HTML 9Page - Cirrus Logic CS61575 Datasheet HTML 10Page - Cirrus Logic CS61575 Datasheet HTML 11Page - Cirrus Logic CS61575 Datasheet HTML 12Page - Cirrus Logic CS61575 Datasheet HTML 13Page - Cirrus Logic CS61575 Datasheet HTML 14Page - Cirrus Logic CS61575 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Transmitter
The transmitter takes digital T1 or E1 input data
and drives appropriately shaped bipolar pulses
onto a transmission line. The transmit data (TPOS
& TNEG or TDATA) is supplied synchronously
and sampled on the falling edge of the input
clock, TCLK.
Either T1 (DSX-1 or Network Interface) or E1
CCITT G.703 pulse shapes may be selected.
Pulse shaping and signal level are controlled by
"line length select" inputs as shown in Table 3.
The CS61575 and CS61574A line drivers are de-
signed to drive a 75
Ω equivalent load.
For E1 applications, the CS61574A and CS61575
drivers provide 14 dB of return loss during the
transmission of both marks and spaces. This im-
proves signal quality by minimizing reflections
off the transmitter. Similar levels of return loss
are provided for T1 applications.
For T1 DSX-1 applications, line lengths from 0 to
655 feet (as measured from the transmitter to the
DSX-1 cross connect) may be selected. The five
partition arrangement in Table 3 meets ANSI
T1.102 and AT&T CB-119 requirements when
using #22 ABAM cable. A typical output pulse is
shown in Figure 8. These pulse settings can also
be used to meet CCITT pulse shape requirements
for 1.544 MHz operation.
For T1 Network Interface applications, two addi-
tional options are provided. Note that the optimal
pulse width for Part 68 (324 ns) is narrower than
the optimal pulse width for DSX-1 (350 ns). The
CS61575 and CS61574A automatically adjusts
the pulse width based upon the "line length" se-
lection made.
500
1.0
0.5
0
-0.5
0
250
750
1000
TIME (nanoseconds)
OUTPUT
PULSE SHAPE
NORMALIZED
AMPLITUDE
ANSI TI.102,
AT&T CB 119
SPECIFICATIONS
Figure 8. Typical Pulse Shape at DSX-1 Cross Connect
MODE
FUNCTION
PIN HARDWARE
EXTENDED
HARDWARE
HOST
TRANSMITTER
3TPOS
TDATA
TPOS
4TNEG
TCODE
TNEG
RECEIVER/DPM
6
RNEG
BPV
RNEG
7RPOS
RDATA
RPOS
11
DPM
AIS
DPM
17
MTIP
RCODE
MTIP
18
MRING
-
MRING
CONTROL
18
-
PCS
-
23
LEN0
LEN0
INT
24
LEN1
LEN1
SDI
25
LEN2
LEN2
SDO
26
RLOOP
RLOOP
CS
27
LLOOP
LLOOP
SCLK
28
TAOS
TAOS
CLKE
Table 2. Pin Definitions
LEN2 LEN1 LEN0
Option Selected
Application
0
1
1
0-133 FEET
DSX-1
ABAM
(AT&T 600B
or 600C)
1
0
0
133-266 FEET
1
0
1
266-399 FEET
1
1
0
399-533 FEET
1
1
1
533-655 FEET
000
120
Ω (1:1.26)
75
Ω (1:1)
E1
CCITT G.703
0
0
1
AT&T CB113
Repeater
0
1
0
FCC PART 68, OPT. A
Network
Interface
011
ANSI T1.403
Table 3. Line Length Selection
CS61574A CS61575
DS154F2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com