Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS61575
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS61575 Datasheet HTML 22Page - Cirrus Logic CS61575 Datasheet HTML 23Page - Cirrus Logic CS61575 Datasheet HTML 24Page - Cirrus Logic CS61575 Datasheet HTML 25Page - Cirrus Logic CS61575 Datasheet HTML 26Page - Cirrus Logic CS61575 Datasheet HTML 27Page - Cirrus Logic CS61575 Datasheet HTML 28Page - Cirrus Logic CS61575 Datasheet HTML 29Page - Cirrus Logic CS61575 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
TTIP, TRING - Transmit Tip, Transmit Ring, Pins 13 and 16.
The AMI signal is driven to the line through these pins. The transmitter output is designed to
drive a 75
Ω load between TTIP and TRING. A transformer is required as shown in Table A1.
Status
AIS - Alarm Indication Signal, Pin 11. (Extended Hardware Mode)
AIS goes high when unframed all-ones condition (blue alarm) is detected, using the detection
criteria of less than three zeros out of 2048 bit periods.
BPV- Bipolar Violation Strobe, Pin 6. (Extended Hardware Mode)
BPV strobes high when a bipolar violation is detected in the received signal. B8ZS (or HDB3)
zero substitutions are not flagged as bipolar violations if the B8ZS (or HDB3) decoder has been
enabled.
DPM - Driver Performance Monitor, Pin 11. (Hardware and Host Modes)
DPM goes high if no activity is detected on MTIP and MRING.
LOS - Loss of Signal, Pin 12.
LOS goes high when 175 consecutive zeros have been received. LOS returns low when the ones
density reaches 12.5% (based upon 175 bit periods starting with a one and containing less than
100 consectutive zeros) as prescribed in ANSI T1.231-1993. When in the loss of signal state
RPOS/RNEG or RDATA are forced low, and ACLKI (if present) is output on RCLK via the jitter
attenuator. If ACLKI is not present during LOS, RCLK is forced to the center frequency of the
crystal oscillator.
MTIP, MRING - Monitor Tip, Monitor Ring, Pins 17 and 18. (Hardware and Host Modes)
These pins are normally connected to TTIP and TRING and monitor the output of a line interface
IC. If the INT pin in the host mode is used, and the monitor is not used, writing "clear DPM" to
the serial interface will prevent an interrupt from the driver performance monitor.
Ordering Guide
Model
Frequency
FIFO Depth (Bits)
Package
CS61575-IP1
T1 & E1
192
28-pin Plastic DIP
CS61575-IL1
T1 & E1
192
28-pin PLCC
CS61574A-IP1
T1 & E1
32
28-pin Plastic DIP
CS61574A-IL1
T1 & E1
32
28-pin PLCC
CS61574A CS61575
26
DS154F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com