Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS61575
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS61575 Datasheet HTML 27Page - Cirrus Logic CS61575 Datasheet HTML 28Page - Cirrus Logic CS61575 Datasheet HTML 29Page - Cirrus Logic CS61575 Datasheet HTML 30Page - Cirrus Logic CS61575 Datasheet HTML 31Page - Cirrus Logic CS61575 Datasheet HTML 32Page - Cirrus Logic CS61575 Datasheet HTML 33Page - Cirrus Logic CS61575 Datasheet HTML 34Page - Cirrus Logic CS61575 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Interfacing The CS61575 and CS61574A With
the CS62180B T1 Transceiver
To interface with the CS62180B, connect the de-
vices as shown in Figure A4. In this case, the line
interface and CS62180B are in Host Mode con-
trolled by a microprocessor serial interface. If the
line interface is used in Hardware Mode, then the
line interface RCLK output must be inverted be-
fore being input to the CS62180B. If the
CS61575 or CS61574A is used in Extended
Hardware Mode, the RCLK output does not have
t o b e i nve rt ed be fo re be ing in put to th e
CS62180B.
Application
Turns
Ratio(s)
Manufacturer
Part Number
Package Type
RX:
T1 & E1
1:2CT
Pulse Engineering
PE-65351
1.5 kV through-hole, single
Schott
67129300
Bel Fuse
0553-0013-HC
TX:
T1
1:1.15
Pulse Engineering
PE-65388
1.5 kV through-hole, single
Schott
67129310
Bel Fuse
0553-0013-RC
TX:
E1 (75 & 120
Ω)
1:1.26
1:1
Pulse Engineering
PE-65389
1.5 kV through-hole, single
Schott
67129320
Bel Fuse
0553-0013-SC
RX &TX:
T1
1:2CT
1:1.15
Pulse Engineering
PE-65565
1.5 kV through-hole, dual
Bel Fuse
0553-0013-7J
RX &TX:
E1 (75 & 120
Ω)
1:2CT
1:1.26
1:1
Pulse Engineering
PE-65566
1.5 kV through-hole, dual
Bel Fuse
0553-0013-8J
RX &TX:
T1
1:2CT
1:1.15
Pulse Engineering
PE-65765
1.5 kVsurface-mount, dual
Bel Fuse
S553-0013-06
RX &TX:
E1 (75 & 120
Ω)
1:2CT
1:1.26
1:1
Pulse Engineering
PE-65766
1.5 kV surface-mount, dual
Bel Fuse
S553-0013-07
RX :
T1 & E1
1:2CT
Pulse Engineering
PE-65835
3 kV through-hole, single
EN60950, EN41003 approved
TX:
E1 (75 & 120
Ω)
1:1.26
1:1
Pulse Engineering
PE-65839
3 kV through-hole, single
EN60950, EN41003 approved
Table A3. Recommended Transformers
ACLK
TCLK
RCLK
RPOS
RNEG
TPOS
TNEG
CS62180B
CLKE
SCLK
INT
SDO
SDI
TCLK
TPOS
TNEG
RNEG
RPOS
RCLK
SCLK
SDO
SDI
TO HOST CONTROLLER
V+
100k
1.544 MHz
CLOCK
SIGNAL
CS61574A OR
CS61575
CS
CS
V+
22k
MODE
Figure A4. Interfacing the CS61574A or CS61575
with a CS62180B (Host Mode)
CS61574A CS61575
DS154F2
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com