Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS61575
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575 Datasheet(HTML) 5 Page - Cirrus Logic

  CS61575 Datasheet HTML 1Page - Cirrus Logic CS61575 Datasheet HTML 2Page - Cirrus Logic CS61575 Datasheet HTML 3Page - Cirrus Logic CS61575 Datasheet HTML 4Page - Cirrus Logic CS61575 Datasheet HTML 5Page - Cirrus Logic CS61575 Datasheet HTML 6Page - Cirrus Logic CS61575 Datasheet HTML 7Page - Cirrus Logic CS61575 Datasheet HTML 8Page - Cirrus Logic CS61575 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ANALOG SPECIFICATIONS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Jitter Attenuator
Jitter Attenuation Curve Corner Frequency
(Notes 17, 25)
CS61574A
CS61575
-
-
6
3
-
-
Hz
Hz
CS61574A T1 Receiver Jitter Transfer
(Notes 25, 26)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
10
100
10
500
10
1k
5
10k, 40k
0.3
3.0
20
35
40
40
6.0
30
40
50
50
-
-
-
-
-
dB
dB
dB
dB
dB
CS61575 T1 Receiver Jitter Transfer
(Notes 25, 26)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
10
100
10
500
10
1k
5
10k, 40k
0.3
6.0
23
38
40
40
9.0
33
43
50
50
-
-
-
-
-
dB
dB
dB
dB
dB
CS61574A E1 Receiver Jitter Transfer
(Notes 26, 27, 28)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
1.5
20
1.5
100
1.5
400
1.5
1k
1.5
10k, 100k
0.2
3.0
6.0
20
30
35
35
6.0
12
32
40
45
45
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
CS61575 E1 Receiver Jitter Transfer
(Notes 26, 27, 28)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
1.5
20
1.5
100
1.5
400
1.5
1k
1.5
10k, 100k
0.2
6.0
12
22
30
35
35
12
18
29
39
45
45
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Attenuator Input Jitter Tolerance
(Notes 17, 28)
(Before Onset of FIFO Overflow or Underflow Protection)
CS61574A
CS61575
12
138
23
-
-
-
UI
UI
Notes: 25. Attenuation measured at the demodulator output of an HP3785B with input jitter equal to 3/4 of
measured jitter tolerance using a measurement bandwidth of 1 Hz (10<f<100Hz), 4Hz (100<f<1000
Hz) and 10 Hz (f> 1kHz) centered around the jitter frequency. With a 2
15-1 PRBS data pattern.
26. Crystal must meet specifications described in CXT6176/CXT8192 data sheet.
27. Jitter measured at the demodulator output of an HP3785A (or equivalent) using a measurement
bandwidth not to exceed 20 Hz centered around the jitter frequency. With a 2
15-1 PRBS data pattern.
28. Jitter below 100 kHz and within the attenuator’s input jitter tolerance is not translated or aliased to
other frequencies. Output jitter increases significantly when attenuator input jitter tolerance is
exceeded.
CS61574A CS61575
DS154F2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com