Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS61575
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS61575 Datasheet HTML 29Page - Cirrus Logic CS61575 Datasheet HTML 30Page - Cirrus Logic CS61575 Datasheet HTML 31Page - Cirrus Logic CS61575 Datasheet HTML 32Page - Cirrus Logic CS61575 Datasheet HTML 33Page - Cirrus Logic CS61575 Datasheet HTML 34Page - Cirrus Logic CS61575 Datasheet HTML 35Page - Cirrus Logic CS61575 Datasheet HTML 36Page - Cirrus Logic CS61575 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Features
• Socketed Line Interface Device
• All Required Components for Complete
Line Interface Evaluation
• Configuration by DIP Switch or Serial
Interface
• LED Status Indicators for Alarm
Conditions
• Support for Host, Hardware, and
Extended Hardware Modes
General Description
The evaluation board includes a socketed line interface
device and all support components necessary for
evaluation. The board is powered by an external 5 Volt
supply.
The board may be configured for 100
Ω twisted-pair
T1, 75
Ω coax E1, or 120 Ω twisted-pair E1 operation.
Binding posts are provided for line connections. Sev-
eral BNC connectors are available to provide system
clocks and data I/O. Two LED indicators monitor de-
vice alarm conditions. The board supports all line
interface operating modes.
ORDERING INFORMATION:
CDB61534,
CDB61535.
CDB61535A,
CDB6158,
CDB6158A,
CDB61574,
CDB61574A, CDB61575,
CDB61577,
CDB61304A, CDB61305A
SEP ’95
DS40DB3
33
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
Line Interface Evaluation Board
CDB61534, CDB61535, CDB61535A, CDB6158,
CDB6158A, CDB61574, CDB61574A, CDB61575,
CDB61577, CDB615304A, & CDB61305A
ACLKI
TCLK
TPOS
(TDATA)
TNEG
RNEG
(BPV)
RPOS
(RDATA)
RCLK
CS61534,
CS61535,
CS61535A,
CS6158,
CS6158A,
CS61574,
CS61574A,
CS61575,
CS61577,
CS61304A
or
CS61305A
Reset
Circuit
Mode Select
Circuit
(TCODE)
+5V
0V
LED Status
Indicators
Hardware
Control Circuit
Serial Interface
Control Circuit
TTIP
TRING
RTIP
RRING
XTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com