Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS61575
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575 Datasheet(HTML) 3 Page - Cirrus Logic

  CS61575 Datasheet HTML 1Page - Cirrus Logic CS61575 Datasheet HTML 2Page - Cirrus Logic CS61575 Datasheet HTML 3Page - Cirrus Logic CS61575 Datasheet HTML 4Page - Cirrus Logic CS61575 Datasheet HTML 5Page - Cirrus Logic CS61575 Datasheet HTML 6Page - Cirrus Logic CS61575 Datasheet HTML 7Page - Cirrus Logic CS61575 Datasheet HTML 8Page - Cirrus Logic CS61575 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ANALOG SPECIFICATIONS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Transmitter
AMI Output Pulse Amplitudes
(Note 11)
E1, 75
Ω
(Note 12)
E1, 120
Ω
(Note 13)
T1, FCC Part 68
(Note 14)
T1, DSX-1
(Note 15)
2.14
2.7
2.7
2.4
2.37
3.0
3.0
3.0
2.6
3.3
3.3
3.6
V
V
V
V
E1 Zero (space) level (LEN2/1/0 = 0/0/0)
1:1 transformer and 75
Ω load
1:1.26 transformer and 120
Ω load
-0.237
-0.3
-
-
0.237
0.3
V
V
Recommended Output Load at TTIP and TRING
-
75
-
Ω
Jitter Added During Remote Loopback
(Note 16)
10Hz - 8kHz
8kHz - 40kHz
10Hz - 40kHz
Broad Band
-
-
-
-
0.005
0.008
0.010
0.015
0.02
0.025
0.025
0.05
UI
UI
UI
UI
Power in 2kHz band about 772kHz
(Notes 11, 17)
12.6
15
17.9
dBm
Power in 2kHz band about 1.544MHz
(Notes 11, 17)
(referenced to power in 2kHz band at 772kHz)
-29
-38
-
dB
Positive to Negative Pulse Imbalance
(Notes 11, 17)
T1, DSX-1
E1 amplitude at center of pulse
E1 pulse width at 50% of nominal amplitude
-
-5
-5
0.2
-
-
0.5
5
5
dB
%
%
Transmitter Return Loss
(Notes 11, 17, 18)
51 kHz to 102 kHz
102 kHz to 2.048 MHz
2.048 MHz to 3.072 MHz
8
14
10
-
-
-
-
-
-
dB
dB
dB
Transmitter Short Circuit Current
(Notes 11, 19)
-
-
50
mA RMS
Driver Performance Monitor
MTIP/MRING Sensitivity:
Differential Voltage Required for Detection
-
0.6
-
V
Notes: 11. Using a 0.47
µF capacitor in series with the primary of a transformer recommended
in the Applications section.
12. Pulse amplitude measured at the output of a 1:1 or 1:1.26 transformer across a 75
Ω load for
line length setting LEN2/1/0 = 0/0/0.
13. Pulse amplitude measured at the output of a 1:1.26 transformer across a 120
Ω load for line length
setting LEN2/1/0 = 0/0/0.
14. Pulse amplitude measured at the output of a 1:1.15 transformer across a 100
Ω load for
line length setting LEN2/1/0 = 0/1/0.
15. Pulse amplitude measured at the DSX-1 cross-connect across a 100
Ω load for line length settings
LEN2/1/0 = 0/1/1, 1/0/0, 1/0/1, 1/1/0, or 1/1/1 using a 1:1.15 transformer and the length of #22 AWG,
ABAM, or equivalent cable specified in Table 3.
16. Input signal to RTIP/RRING is jitter free. Values will reduce slightly if jitter free clock is input to TCLK.
17. Not production tested. Parameters guaranteed by design and characterization.
18. Return loss = 20 log10 ABS((z1 +z0)/(z1-z0)) where z1 = impedance of the transmitter, and
z0 = impedance of line load. Measured with a repeating 1010 data pattern with LEN2/1/0 = 0/0/0
and a 1:1 transformer terminated with a 75
Ω load, or a 1:1.26 transformer terminated with a
120
Ω load.
19. Measured broadband through a 0.5
Ω resistor across the secondary of a 1:1.26 transformer
during the transmission of an all ones data pattern for LEN2/1/0 = 0/0/0.
CS61574A CS61575
DS154F2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com