Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5528-AP Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 4Page - Cirrus Logic CS5528-AP Datasheet HTML 5Page - Cirrus Logic CS5528-AP Datasheet HTML 6Page - Cirrus Logic CS5528-AP Datasheet HTML 7Page - Cirrus Logic CS5528-AP Datasheet HTML 8Page - Cirrus Logic CS5528-AP Datasheet HTML 9Page - Cirrus Logic CS5528-AP Datasheet HTML 10Page - Cirrus Logic CS5528-AP Datasheet HTML 11Page - Cirrus Logic CS5528-AP Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
CS5521/22/23/24/28
8
DS317F2
TYPICAL RMS NOISE, CS5522/24/28 (Notes 14 and 15)
Notes: 14. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25° C.
15. To estimate Peak-to-Peak Noise, multiply RMS noise by 6.6 for all ranges and output rates.
16. For input ranges <100 mV and output rates
≥60 Hz, 16.384 kHz chopping frequency is used.
TYPICAL NOISE FREE RESOLUTION (BITS), CS5522/24/28 (Note 17)
Notes: 17. For bipolar mode, the number of bits of Noise Free Resolution is LOG((2XInput Range)/(6.6xRMS
Noise))/LOG(2) rounded to the nearest bit. For unipolar mode, the number of bits of Noise Free
Resolution is LOG((Input Range)/(6.6xRMS Noise))/LOG(2) rounded to the nearest bit. Also, the
CS5522/24/28’s output conversions are 24 bits. Noise free Resolution numbers are based upon
VREF = 2.5 V and XIN = 32.768 kHz. The values will be affected directly by changes in VREF, but the
effects due to changes in the XIN frequency will be minor.
Output Rate
(Hz)
-3 dB Filter
Frequency
Input Range, (Bipolar/Unipolar Mode)
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
1.88
1.64
90 nV
95 nV
140 nV
1.5 µV
3 µV
6 µV
3.76
3.27
110 nV
130 nV
190 nV
2 µV
4 µV
8 µV
7.51
6.55
170 nV
200 nV
275 nV
2.5 µV
6 µV
11.5 µV
15.0
12.7
250 nV
330 nV
580 nV
4.5 µV
10 µV
20 µV
30.0
25.4
500 nV
1 µV
1.5 µV
16 µV
45 µV
85 µV
61.6 (Note 16)
50.4
2 µV
4 µV
8 µV
72 µV
195 µV
350 µV
84.5 (Note 16)
70.7
10 µV
20 µV
35 µV
340 µV
900 µV
2 mV
101.1 (Note 16)
84.6
30 µV
60 µV
105 µV
1.1 mV
3 mV
5.3 mV
Output Rate
(Hz)
-3 dB Filter
Frequency
Input Range, (Bipolar Mode)
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
1.88
1.64
16
17
18
18
18
18
3.76
3.27
16
17
17
17
18
18
7.51
6.55
15
16
17
17
17
17
15.0
12.7
15
16
16
16
16
16
30.0
25.4
14
14
14
14
14
14
61.6 (Note 16)
50.4
12
12
12
12
12
12
84.5 (Note 16)
70.7
10
10
10
10
10
10
101.1 (Note 16)
84.6
8
8
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com