Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5528-AP Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 14Page - Cirrus Logic CS5528-AP Datasheet HTML 15Page - Cirrus Logic CS5528-AP Datasheet HTML 16Page - Cirrus Logic CS5528-AP Datasheet HTML 17Page - Cirrus Logic CS5528-AP Datasheet HTML 18Page - Cirrus Logic CS5528-AP Datasheet HTML 19Page - Cirrus Logic CS5528-AP Datasheet HTML 20Page - Cirrus Logic CS5528-AP Datasheet HTML 21Page - Cirrus Logic CS5528-AP Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
CS5521/22/23/24/28
18
DS317F2
2.2.1 System Initialization
When power to the CS5521/22/23/24/28 is applied,
the chips are held in a reset condition until the
32.768 kHz oscillator has started and a counter-
timer elapses. Due to the high Q of the 32.768 kHz
crystal, the oscillator takes 400-600 ms to start. The
counter-timer counts 2006 oscillator clock cycles
to make sure the oscillator is fully stable. During
this time-out period the serial port logic is reset and
the RV (Reset Valid) bit in the configuration regis-
ter is set to indicate that a valid reset occurred. Af-
ter a reset, the on-chip registers are initialized to the
following states and the converter is placed in the
command mode where it waits for a valid com-
mand.
Note: A system reset can be initiated at any time by writing
a logic 1 to the RS (Reset System) bit in the configura-
tion register. After a reset, the RV bit is set until the
configuration register is read. The user must then
write a logic 0 to the RS bit to take the part out of the
reset mode. Any other bits written to the configuration
register at this time will be lost. The configuration reg-
ister must be written again once RS = 0 to set any other
bits.
2.2.2 Serial Port Initialization Sequence
The serial port is initialized to the command mode
whenever a power-on reset is performed inside the
converter, or when the user transmits the port ini-
tialization sequence. The port initialization se-
quence involves clocking 15 bytes of all 1’s,
followed by one byte with the following bit con-
tents ‘11111110’. This sequence places the chip in
the command mode where it waits for a valid com-
mand to be written.
configuration register:
000040(H)
offset registers:
000000(H)
gain registers:
400000(H)
channel setup registers:
000000(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com