Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5528-AP Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 9Page - Cirrus Logic CS5528-AP Datasheet HTML 10Page - Cirrus Logic CS5528-AP Datasheet HTML 11Page - Cirrus Logic CS5528-AP Datasheet HTML 12Page - Cirrus Logic CS5528-AP Datasheet HTML 13Page - Cirrus Logic CS5528-AP Datasheet HTML 14Page - Cirrus Logic CS5528-AP Datasheet HTML 15Page - Cirrus Logic CS5528-AP Datasheet HTML 16Page - Cirrus Logic CS5528-AP Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
CS5521/22/23/24/28
DS317F2
13
2. GENERAL DESCRIPTION
The CS5521/22/23/24/28 are highly integrated
∆Σ
Analog-to-Digital Converters (ADCs) which use
charge-balance
techniques
to
achieve
16-bit
(CS5521/23) and 24-bit (CS5522/24/28) perfor-
mance. The ADCs come as either two-channel
(CS5521/22), four-channel (CS5523/24), or eight-
channel (CS5528) devices, and include a low input
current, chopper-stabilized instrumentation ampli-
fier. To permit selectable input spans of 25 mV,
55 mV, 100 mV, 1 V, 2.5 V, and 5 V, the ADCs in-
clude a PGA (programmable gain amplifier). To
accommodate ground-based thermocouple applica-
tions, the devices include a CPD (Charge Pump
Drive) which provides a negative bias voltage to
the on-chip amplifiers.
These devices also include a fourth order DS mod-
ulator followed by a digital filter which provides
eight selectable output word rates of 1.88 Hz,
3.76 Hz, 7.51 Hz, 15 Hz, 30 Hz, 61.6 Hz, 84.5 Hz,
and 101.1 Hz (XIN = 32.768 kHz). The devices are
capable of producing output update rates up to
617 Hz
when
a
200 kHz
clock
is
used
(CS5522/24/28) or up to 401 Hz using a 130 kHz
clock (CS5521/23). Further note that the digital fil-
ters are designed to settle to full accuracy within
one conversion cycle and simultaneously reject
both 50 Hz and 60 Hz interference when operated
at word rates below 30 Hz (assuming a XIN clock
frequency of 32.768 kHz).
To ease communication between the ADCs and a
micro-controller, the converters include an easy to
use three-wire serial interface which is SPI™ and
Microwire™ compatible.
2.1 Analog Input
Figure 4 illustrates a block diagram of the analog in-
put signal path inside the CS5521/22/23/24/28. The
front end consists of a multiplexer (break before
make configuration), a chopper-stabilized instru-
mentation amplifier with fixed gain of 20X,
coarse/fine charge buffers, and a programmable gain
section. For the 25 mV, 55 mV, and 100 mV input
ranges, the input signals are amplified by the 20X in-
strumentation amplifier. For the 1 V, 2.5 V, and 5 V
input ranges, the instrumentation amplifier is by-
passed and the input signals are connected to the
Programmable Gain block via coarse/fine charge
buffers.
VREF+
Differential
4th order
delta-sigma
modulator
Digital
Filter
Programmable
Gain
VREF-
NBV
X20
M
U
X
AIN2+
AIN2-
AIN1+
AIN1-
CS5522
IN+
IN-
AIN4+
AIN4-
*
*
*
AIN1+
AIN1-
CS5524
AIN8+
AIN7+
*
*
*
AIN1+
CS5528
M
U
X
M
U
X
IN+
IN-
IN+
IN-
IN+
IN-
Figure 4. Multiplexer Configurations
NBV also supplies the negative
supply voltage for the coarse/fine
change buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com