Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5528-AP Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 17Page - Cirrus Logic CS5528-AP Datasheet HTML 18Page - Cirrus Logic CS5528-AP Datasheet HTML 19Page - Cirrus Logic CS5528-AP Datasheet HTML 20Page - Cirrus Logic CS5528-AP Datasheet HTML 21Page - Cirrus Logic CS5528-AP Datasheet HTML 22Page - Cirrus Logic CS5528-AP Datasheet HTML 23Page - Cirrus Logic CS5528-AP Datasheet HTML 24Page - Cirrus Logic CS5528-AP Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
CS5521/22/23/24/28
DS317F2
21
READ/WRITE CONFIGURATION REGISTER
Function:
These commands are used to read from or write to the configuration register.
R/W (Read/Write)
0
Write to selected register.
1
Read from selected register.
READ/WRITE CHANNEL-SETUP REGISTER(S)
Function
:
These commands are used to access the channel-setup registers (CSRs). The number of
CSRs accessed is determined by the device being used and the number of CSRs that are being
accessed (i.e. the depth bits in the configuration register determine the number of levels ac-
cessed). This register is 48-bits long (4 Setups) for the CS5521/22, 96-bits long (8 Setups) for
the CS5523/24, and 192-bits (16 Setups) long for the CS5528.
R/W (Read/Write)
0
Write to selected register.
1
Read from selected register.
D7(MSB)
D6
D5D4D3D2D1
D0
000
0
R/W
01
1
D7(MSB)
D6
D5D4D3D2D1
D0
000
0
R/W
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com