Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5528-AP Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 1 Page - Cirrus Logic

  CS5528-AP Datasheet HTML 1Page - Cirrus Logic CS5528-AP Datasheet HTML 2Page - Cirrus Logic CS5528-AP Datasheet HTML 3Page - Cirrus Logic CS5528-AP Datasheet HTML 4Page - Cirrus Logic CS5528-AP Datasheet HTML 5Page - Cirrus Logic CS5528-AP Datasheet HTML 6Page - Cirrus Logic CS5528-AP Datasheet HTML 7Page - Cirrus Logic CS5528-AP Datasheet HTML 8Page - Cirrus Logic CS5528-AP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5521/22/23/24/28
16-Bit or 24-Bit, 2/4/8-Channel ADCs with PGIA
Features
l Low Input Current (100 pA), Chopper
Stabilized Instrumentation Amplifier
l Scalable Input Span (Bipolar/Unipolar)
- 2.5V VREF: 25 mV, 55 mV, 100 mV, 1 V, 2.5 V,
5V
- External: 10 V, 100 V
l Wide VREF Input Range (+1 to +5 V)
l Fourth Order Delta-Sigma A/D Converter
l Easy to Use Three-wire Serial Interface Port
- Programmable/Auto Channel Sequencer with
Conversion Data FIFO
- Accessible Calibration Registers per Channel
- Compatible with SPITM and MicrowireTM
l System and Self-Calibration
l Eight Selectable Word Rates
- Up to 617 Hz (XIN = 200 kHz)
- Single Conversion Settling
- 50/60 Hz ±3 Hz Simultaneous Rejection
l Single +5 V Power Supply Operation
- Charge Pump Drive for Negative Supply
- +3 to +5 V Digital Supply Operation
l Low Power Consumption: 5.5 mW
General Description
The CS5521/22/23/24/28 are highly integrated
∆Σ Ana-
log-to-Digital Converters (ADCs) which use charge-
balance techniques to achieve 16-bit (CS5521/23) and
24-bit (CS5522/24/28) performance. The ADCs come as
either
two-channel
(CS5521/22),
four-channel
(CS5523/24), or eight-channel (CS5528) devices, and
include a low input current, chopper-stabilized instru-
mentation amplifier. To permit selectable input spans of
25 mV, 55 mV, 100 mV, 1 V, 2.5 V, and 5 V, the ADCs
include a PGA (programmable gain amplifier). To ac-
commodate ground-based thermocouple applications,
the devices include a Charge Pump Drive which pro-
vides a negative bias voltage to the on-chip amplifiers.
These devices also include a fourth order
∆Σ modulator
followed by a digital filter which provides eight selectable
output word rates. The digital filters are designed to settle
to full accuracy within one conversion cycle and when
operated at word rates below 30 Hz, they reject both 50
and 60 Hz interference.
These single supply products are ideal solutions for
measuring isolated and non-isolated, low-level signals in
process control applications.
ORDERING INFORMATION
See page 51.
Programmable
Gain
VA+
AGND
VREF+ VREF-
VD+
DGND
XIN XOUT
SDO
SDI
NBV
Latch
Differential
Digital Filter
Calibration
Register
Control
Register
Output
Register
4th Order
∆Σ
Modulator
Calibration
Memory
Calibration
µC
Clock
Gen.
SCLK
CS
MUX
AIN2+
+
X20
X1
X1
X1
CS5524
Shown
AIN2-
AIN1+
AIN1-
AIN4+
AIN4-
AIN3+
AIN3-
A0 A1
CPD
Data
FIFO
MAY ‘00
DS317F2


Similar Part No. - CS5528-AP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5528-AS CIRRUS-CS5528-AS Datasheet
905Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5528-ASZ CIRRUS-CS5528-ASZ Datasheet
905Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5528-ASZ CIRRUS-CS5528-ASZ Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
More results

Similar Description - CS5528-AP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
4-/8-Channel 24-Bit uPower No Latency ADCs
logo
Cirrus Logic
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
logo
Linear Technology
LTC2414 LINER-LTC2414 Datasheet
792Kb / 48P
8-/16-Channel 24-Bit No Latency TM ADCs
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
24-bit ?誇 ADCs with Ultra-low-noise PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
logo
Linear Technology
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
4-/8-Channel 24-Bit Power No Latency ADCs
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
8-/16-Channel 24-Bit No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com