Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5528-AP Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 12Page - Cirrus Logic CS5528-AP Datasheet HTML 13Page - Cirrus Logic CS5528-AP Datasheet HTML 14Page - Cirrus Logic CS5528-AP Datasheet HTML 15Page - Cirrus Logic CS5528-AP Datasheet HTML 16Page - Cirrus Logic CS5528-AP Datasheet HTML 17Page - Cirrus Logic CS5528-AP Datasheet HTML 18Page - Cirrus Logic CS5528-AP Datasheet HTML 19Page - Cirrus Logic CS5528-AP Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
CS5521/22/23/24/28
16
DS317F2
mentation amplifier, typically 100 pA, is low
enough to permit large external resistors to divide
down a large external signal without significant
loading. Figure 7 illustrates an example circuit. Re-
fer to Applications Note 158 for more details on
high voltage (>5 V) measurement.
2.1.5 Voltage Reference
The CS5521/22/23/24/28 are specified for opera-
tion with a 2.5 V reference voltage between the
VREF+ and VREF- pins of the device. For a single-
ended reference voltage, such as the LT1019-2.5,
the reference voltage is input into the VREF+ pin
of the converter and the VREF- pin is grounded.
The differential voltage between the VREF+ and
VREF- can be any voltage from 1.0 V up to VA+,
however, the VREF+ cannot go above VA+ and the
VREF- pin can not go below NBV.
Figure 8 illustrates the input models for the VREF
pins. The dynamic input current for each of the pins
can be determined from the models shown.
2.2 Overview of ADC Register Structure
and Operating Modes
The CS5521/22/23/24/28 ADCs have an on-chip
controller, which includes a number of user-acces-
sible registers. The registers are used to hold offset
and gain calibration results, configure the chip’s
operating modes, hold conversion instructions, and
to store conversion data words. Figure 9 depicts a
block diagram of the on-chip controller’s internal
registers for the CS5523/24.
Each of the converters has 24-bit registers to func-
tion as offset and gain calibration registers for each
channel. The converters with two channels have
two offset and two gain calibration registers, the
converters with four channels have four offset and
four gain calibration registers, and the eight chan-
nel converter has eight offset and eight gain cali-
bration registers. These registers hold calibration
results. The contents of these registers can be read
or written by the user. This allows calibration data
to be off-loaded into an external EEPROM. The
user can also manipulate the contents of these reg-
isters to modify the offset or the gain slope of the
converter.
The converters include a 24-bit configuration reg-
ister of which 17 of the bits are used for setting op-
tions such as the conversion mode, operating power
options, setting the chop clock rate of the instru-
mentation amplifier, and providing a number of
flags which indicate converter operation.
Voltage
Divider
PGIA set for
+ 100 mV
±10V
Charge Pump
Regulator
∆Σ ADC
PGIA
+5 V
2.5 V
VA+
VREF+
VREF-
VD+
+
-
NBV
V
≈ -2.1 V
+
10
µF
0.033
µF
CPD
0.1
µF
10
Ω
0.1
µF
1N4148
1N4148
BAT85
Charge Pump
Circuitry
DGND
chop clock = 256 Hz
10 K
Ω
1 M
Ω
Figure 7. Input Ranges Greater than 5 V
VREF
C = 10pF
f = 32.768 kHz
2
φ Fine
1
V
≤ 25mV
i = fV
C
os
os
n
φ Coarse
Figure 8. Input Model for VREF+ and VREF- Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com