Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034AT Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST8034AT
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034AT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST8034AT Datasheet HTML 8Page - STMicroelectronics ST8034AT Datasheet HTML 9Page - STMicroelectronics ST8034AT Datasheet HTML 10Page - STMicroelectronics ST8034AT Datasheet HTML 11Page - STMicroelectronics ST8034AT Datasheet HTML 12Page - STMicroelectronics ST8034AT Datasheet HTML 13Page - STMicroelectronics ST8034AT Datasheet HTML 14Page - STMicroelectronics ST8034AT Datasheet HTML 15Page - STMicroelectronics ST8034AT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
DocID024587 Rev 4
13/40
ST8034T, ST8034AT, ST8034P, ST8034C
Maximum ratings
4
Maximum ratings
Table 4. Absolute maximum ratings(1), (2)
1. Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
2. All card contacts are protected against short-circuit to any other card contact.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply voltage, logic
-0.3
6
V
VDDP
Supply voltage, power
-0.3
6
V
VDD(INTF)
Supply voltage, interface
-0.3
6
V
VIN
Input voltage on XTAL1, XTAL2, RSTIN, I/OUC,
CLKDIV, CS, VCC_SEL, CLKIN, PORADJ,
CMDVCC, OFF, PRES, and I/O pins
-0.3
6
V
VESD (HBM)
Human body model (HBM) on card lines - I/O, RST,
VCC, CLK, and PRES pins
-8
8
kV
Human body model (HBM), all other pins
-2
2
kV
VESD (MM)
Machine model (MM), all pins
-200
200
V
VESD (FCDM) Field charged device model (FCDM), all pins
-500
500
V
PTOT
Total power dissipation (TA = -25 to +85 °C)
0.25
W
TJ(MAX)
Maximum operating junction temperature
125
°C
TSTG
Storage temperature range
-55
150
°C
Table 5. Thermal data
Symbol
Parameter
Test
conditions
Typ.
Unit
RTHJA
Thermal resistance junction-ambient temperature
(multilayer test board - JEDEC standard)
SO16
87
°C/W
QFN16
60
°C/W
Table 6. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Max.
Unit
TA
Ambient temperature range
-25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com