Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034AT Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST8034AT
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034AT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST8034AT Datasheet HTML 12Page - STMicroelectronics ST8034AT Datasheet HTML 13Page - STMicroelectronics ST8034AT Datasheet HTML 14Page - STMicroelectronics ST8034AT Datasheet HTML 15Page - STMicroelectronics ST8034AT Datasheet HTML 16Page - STMicroelectronics ST8034AT Datasheet HTML 17Page - STMicroelectronics ST8034AT Datasheet HTML 18Page - STMicroelectronics ST8034AT Datasheet HTML 19Page - STMicroelectronics ST8034AT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
DocID024587 Rev 4
17/40
ST8034T, ST8034AT, ST8034P, ST8034C
Electrical characteristics
tD
Delay time
Between RSTIN and RST; RST
enabled
2
s
VOL
Output voltage low
IOL = 200 A, VCC = 5 V
0
0.3
V
IOL = 200 A, VCC = 3 V
0
0.2
IOL = 20 mA (current limit)
VCC - 0.4
VCC
VOH
Output voltage high
IOH = -200 A
0.9 VCC
VCC
V
IOH = -20 mA (current limit)
0
0.4
tR
Rise time
CL = 100 pF
0.1
s
tF
Fall time
CL = 100 pF
0.1
s
Clock output to the card (CLK pin)
VO
Output voltage in shutdown
mode
No load
0
0.1
V
IO = 1 mA
0
0.3
IO
Output current in shutdown
mode
CLK connected to GND
-1
mA
VOL
Output voltage low
IOL = 200 A0
0.3
V
IOL = 70 mA (current limit)
VCC -0.4
VCC
VOH
Output voltage high
IOH = -200 A
0.9 VCC
VCC
V
IOH = -70 mA (current limit)
0
0.4
tR
Rise time(3)
CL = 30 pF
16
ns
tF
Fall time(3)
CL = 30 pF
16
ns
fCLK
Frequency on CLK pin
Operational
0
26
MHz
DC
Duty cycle(3)
CL = 30 pF
45
55
%
SR
Slew rate (rise and fall,
CL = 30 pF)
VCC = 5 V
0.2
V/ns
VCC = 3 V
0.12
Card detection input (PRES pin)(4)
VIL
Input voltage low
-0.3
0.3
VDD(INTF)
V
VIH
Input voltage high
0.7
VDD(INTF)
VDD(INTF)
+ 0.3
V
VHYS
Hysteresis
0.14
VDD(INTF)
V
IIL
Input current low
0 < VIL < VDD(INTF)
5
A
IIH
Input current high
0 < VIH < VDD(INTF)
5
A
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.
2. With an internal 9 k
 pull-up resistor to VCC.
3. For rise and fall times and duty cycle definitions, see Figure 7 on page 21.
4. PRES is active low, with an internal current source of 1.25
A to VDD(INTF).
Table 8. Card interface (continued)
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com