Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034AT Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST8034AT
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034AT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST8034AT Datasheet HTML 15Page - STMicroelectronics ST8034AT Datasheet HTML 16Page - STMicroelectronics ST8034AT Datasheet HTML 17Page - STMicroelectronics ST8034AT Datasheet HTML 18Page - STMicroelectronics ST8034AT Datasheet HTML 19Page - STMicroelectronics ST8034AT Datasheet HTML 20Page - STMicroelectronics ST8034AT Datasheet HTML 21Page - STMicroelectronics ST8034AT Datasheet HTML 22Page - STMicroelectronics ST8034AT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Electrical characteristics
ST8034T, ST8034AT, ST8034P, ST8034C
20/40
DocID024587 Rev 4
Table 10. Clock circuits
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
Input for external clock (CLKIN pin - ST8034P, ST8034C)
VIL
Input voltage low
-0.3
0.3
VDD(INTF)
V
VIH
Input voltage high
0.7
VDD(INTF)
VDD(INTF)
+ 0.3
V
IIL
Input current low
VIL = 0 V
1
A
IIH
Input current high
VIH = VDD(INTF)
1
A
tR(I)
Input rise time
VIL max. to VIH min.
10
ns
tF(I)
Input fall time
VIL max. to VIH min.
10
ns
fCLKIN
External clock frequency
External clock on CLKIN pin
0.032
26
MHz
Internal oscillator
fOSC(INT)LOW
Internal oscillator frequency
Shutdown mode
100
150
200
kHz
fOSC(INT)
Active state
2
2.7
3.2
MHz
Crystal oscillator (XTAL1 and XTAL2 pins)
CEXT
External capacitances
XTAL1 and XTAL2 to GND
(according to the crystal or
resonator specification)
15
pF
fXTAL
External crystal frequency
Card clock reference, crystal
oscillator
226
MHz
fEXT
External clock frequency
External clock on XTAL1
0.032
26
MHz
tR(fEXT)
External clock frequency rise
time
External clock on XTAL1
10
ns
tF(fEXT)
External clock frequency fall
time
External clock on XTAL1
10
ns
VIL
Input voltage low
Crystal oscillator
-0.3
0.3 VDD
V
External clock on XTAL1
-0.3
0.3
VDD(INTF)
VIH
Input voltage high
Crystal oscillator
0.7 VDD
VDD +
0.3
V
External clock on XTAL1
0.7
VDD(INTF)
VDD(INTF)
+ 0.3
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com