Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034AT Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST8034AT
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034AT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST8034AT Datasheet HTML 20Page - STMicroelectronics ST8034AT Datasheet HTML 21Page - STMicroelectronics ST8034AT Datasheet HTML 22Page - STMicroelectronics ST8034AT Datasheet HTML 23Page - STMicroelectronics ST8034AT Datasheet HTML 24Page - STMicroelectronics ST8034AT Datasheet HTML 25Page - STMicroelectronics ST8034AT Datasheet HTML 26Page - STMicroelectronics ST8034AT Datasheet HTML 27Page - STMicroelectronics ST8034AT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
DocID024587 Rev 4
25/40
ST8034T, ST8034AT, ST8034P, ST8034C
Functional description
6.3
Clock circuits
6.3.1
ST8034T and ST8034AT clock possibilities
The clock signal for the card (CLK output) is either provided by an external clock signal
connected to the XTAL1 pin or generated by a crystal connected between the XTAL1 and
XTAL2 pins. The ST8034 device automatically detects if an external clock is connected to
the XTAL1, which eliminates the need for a separate clock source selection pin. Automatic
clock source detection is performed on each activation command (falling edge of
CMDVCC). The presence of an external clock on the XTAL1 pin is checked during a time
window defined by the internal oscillator. If the external clock is detected, the crystal
oscillator is stopped. If the clock is not detected, the crystal oscillator is started. When the
external clock is used, the clock signal must be present on the XTAL1 pin before the
CMDVCC falling edge. If the external clock is used, connect it to XTAL1 input and leave the
XTAL2 pin floating. The XTAL1 pin cannot be left floating, either a crystal or an external
clock source needs to be connected.
Figure 11. External clock usage
The clock frequency is selected using the CLKDIV pin and is either fXTAL/2 or fXTAL/4 on the
ST8034T device or fXTAL or fXTAL/2 on the ST8034AT, as shown in Table 13. The frequency
change is synchronous, meaning that after transition on the CLKDIV input, the present clock
period is completed and after that the new whole clock period starts, therefore no clock
period is shortened during the frequency switchover.
If an external crystal is used, the duty cycle on the CLK pin should be between 45% and
55%. If an external clock is connected to the XTAL1 pin, its duty cycle must be between 48%
and 52% so that the CLK output duty cycle is between 45% and 55%.
Table 13. ST8034T and ST8034AT clock frequency selection
CLKDIV pin level
CLK frequency
ST8034T
ST8034AT
High
fXTAL/2
fXTAL/2
Low
fXTAL/4
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com