Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034AT Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST8034AT
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034AT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST8034AT Datasheet HTML 14Page - STMicroelectronics ST8034AT Datasheet HTML 15Page - STMicroelectronics ST8034AT Datasheet HTML 16Page - STMicroelectronics ST8034AT Datasheet HTML 17Page - STMicroelectronics ST8034AT Datasheet HTML 18Page - STMicroelectronics ST8034AT Datasheet HTML 19Page - STMicroelectronics ST8034AT Datasheet HTML 20Page - STMicroelectronics ST8034AT Datasheet HTML 21Page - STMicroelectronics ST8034AT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
DocID024587 Rev 4
19/40
ST8034T, ST8034AT, ST8034P, ST8034C
Electrical characteristics
IIL
Input current low
1
A
IIH
Input current high
1
A
VIL(VCC_SEL) Input voltage low
ST8034P only. The
low/floating threshold is
subject to minor variations.
-0.3
0.3
VDD(INTF)
V
VIH(VCC_SEL) Input voltage high
ST8034P only. The
floating/high threshold is
subject to minor variations.
0.7
VDD(INTF)
VDD(INTF)
+0.3
V
IIL(VCC_SEL) Input current low
ST8034P only
-30
A
IIH(VCC_SEL) Input current high
ST8034P only
30
A
Device control input CMDVCC(4)
VIL
Input voltage low
-0.3
0.3
VDD(INTF)
V
VIH
Input voltage high
0.7
VDD(INTF)
VDD(INTF)
+ 0.3
V
VHYS
Hysteresis
0.14
VDD(INTF)
V
IIL
Input current low
VIL = 0 V
1
A
IIH
Input current high
VIH = VDD(INTF)
1
A
fCMDVCC
Frequency at CMDVCC
pin
100
Hz
OFF output(5)
VOL
Output voltage low
IOL = 2 mA
0
0.3
V
VOH
Output voltage high
IOH = -15 A
0.75
VDD(INTF)
V
RPU
Pull-up resistance to
VDD(INTF)
16
20
24
k
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.
2. With an internal 10 k
 pull-up resistor to VDD(INTF).
3. For clock frequency division control (CLKDIV), see Table 13 on page 25.
4. CMDVCC is active low.
5. OFF is an NMOS open drain, with an internal 20 k
 pull-up resistor to VDD(INTF).
Table 9. Microcontroller interface (continued)
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com