Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 3Page - STMicroelectronics L5973AD Datasheet HTML 4Page - STMicroelectronics L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
L5973AD
3.5 ERROR AMPLIFIER
The voltage error amplifier is the core of the loop regulation. It is a transconductance operational amplifier whose
non inverting input is connected to the internal voltage reference (1.235V), while the inverting input (FB) is con-
nected to the external divider or directly to the output voltage. The output (COMP) is connected to the external
compensation network.
The uncompensated error amplifier has the following characteristics:
The error amplifier output is compared with the oscillator sawtooth to perform PWM control.
3.6 PWM COMPARATOR AND POWER STAGE
This block compares the oscillator sawtooth and the error amplifier output signals generating the PWM
signal for the driving stage.
The power stage is a very critical block cause it has to guarantee a correct turn on and turn off of the PD-
MOS.
The turn on of the power element, or better, the rise time of the current at turn on, is a very critical param-
eter to compromise.
At a first approach, it looks like the faster it is the rise time, the lower are the turn on losses.
But there is a limit introduced by the recovery time of the recirculation diode.
In fact when the current of the power element equals the inductor current, the diode turns off and the drain
of the power is free to go high. But during its recovery time, the diode can be considered as an high value
capacitor and this produces a very high peak current, responsible of many problems:
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the board parasitics.
Turn on overcurrent causing a decrease of the efficiency and system reliability.
Big EMI problems.
Shorter freewheeling diode life.
The fall time of the current during the turn off is also critical. In fact it produces voltage spikes (due to the
parasitics elements of the board) that increase the voltage drop across the PDMOS.
In order to minimize all these problems, a new topology of driving circuit has been used and its block dia-
gram is shown in fig. 8.
The basic idea is to change the current levels used to turn on and off the power switch, according with the
PDMOS status and with the gate clamp status.
This circuitry allow to turn off and on quickly the power switch and to manage the above question related
to the freewheeling diode recovery time problem. The gate clamp is necessary to avoid that Vgs of the
internal switch goes higher than Vgsmax. The ON/OFF Control block avoids any cross conduction be-
tween the supply line and ground.
Transconductance
2300
µS
Low frequency gain
65dB
Minimum sink/source voltage
1500
µA/300µA
Output voltage swing
0.4V/3.65V
Input bias current
2.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com