Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics L5973AD Datasheet HTML 13Page - STMicroelectronics L5973AD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
L5973AD
10/14
Figure 10. Junction Temperature vs. Output
Current
Figure 11. Junction Temperature vs Output
Current
Figure 12. Efficiency vs. Output Current
Figure 13. Efficiency vs. Output Current
20
30
40
50
60
70
80
90
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(°C)
Vo=2.5V
Vo=3.3V
Vo=1.8V
Vin=5V
Tamb=25°C
20
30
40
50
60
70
80
90
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(°C)
Vo=2.5V
Vo=3.3V
Vo=1.8V
Vin=5V
Tamb=25°C
20
30
40
50
60
70
80
90
100
110
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(C)
Vin=12V
Tamb=25°C
Vo=3.3V
Vo=5V
Vo=2.5V
20
30
40
50
60
70
80
90
100
110
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(C)
Vin=12V
Tamb=25°C
Vo=3.3V
Vo=5V
Vo=2.5V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=5V
Vout=2.5V
Vout=3.3V
Vout=1.8V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=5V
Vout=2.5V
Vout=3.3V
Vout=1.8V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=12V
Vout=3.3V
Vout=2.5V
Vout=5V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=12V
Vout=3.3V
Vout=2.5V
Vout=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com