Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 4Page - STMicroelectronics L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
L5973AD
8/14
Figure 8. Driving Circuitry
3.7 INHIBIT FUNCTION
The inhibit feature allows to put in stand-by mode the device. With INH pin higher than 2.2V the device is dis-
abled and the power consumption is reduced to less than 100
µA. With INH pin lower than 0.8V, the device is
enabled. If the INH pin is left floating, an internal pull up ensures that the voltage at the pin reaches the inhibit
threshold and the device is disabled. The pin is also Vcc compatible.
3.8 THERMAL SHUTDOWN
The shutdown block generates a signal that turns off the power stage if the temperature of the chip goes higher
than a fixed internal threshold (150°C). The sensing element of the chip is very close to the PDMOS area, so
ensuring an accurate and fast temperature detection. An hysteresis of approximately 20°C avoids that the de-
vices turns on and off continuously
4
ADDITIONAL FEATURES AND PROTECTIONS
4.1 FEEDBACK DISCONNECTION
In case of feedback disconnection, the duty cycle increases versus the maximum allowed value, bringing the
output voltage close to the input supply. This condition could destroy the load.
To avoid this dangerous condition, the device is turned off if the feedback pin remains floating.
4.2 OUTPUT OVERVOLTAGE PROTECTION
The overvoltage protection, OVP, is realized by using an internal comparator, which input is connected to the
feedback, that turns off the power stage when the OVP threshold is reached. This threshold is typically 30%
higher than the feedback voltage.
When a voltage divider is requested for adjusting the output voltage (see test application circuit), the OVP inter-
vention will be set at:
Where R1 is the resistor connected between the output voltage and the feedback pin, while R2 is between the
feedback pin and ground.
Vgsmax
GATE
STOP
DRIVE
DRAIN
OFF
ON
PDMOS
VOUT
DRAIN
VCC
ILOAD
C
ESR
D00IN1133
IOFF
ION
ON/OFF
CONTROL
CLAMP
L
V
OVP
1.3
R
1
R
2
+
R
2
-------------------- V
FB
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com