Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 4 Page - STMicroelectronics

  L5973AD Datasheet HTML 1Page - STMicroelectronics L5973AD Datasheet HTML 2Page - STMicroelectronics L5973AD Datasheet HTML 3Page - STMicroelectronics L5973AD Datasheet HTML 4Page - STMicroelectronics L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
L5973AD
4/14
3
FUNCTIONAL DESCRIPTION
The main internal blocks are shown in Fig. 1, where is reported the device block diagram. They are:
A voltage regulator that supplies the internal circuitry. From this regulator, a 3.3V reference
voltage is externally available.
A voltage monitor circuit that checks the input and internal voltages.
A fully integrated sawtooth oscillator whose frequency is500KHz
Two embedded current limitations circuitries which control the current that flows through the
power switch. The Pulse by Pulse Current Limit forces the power switch OFF cycle by cycle
if the current reaches an internal threshold, while the Frequency Shifter reduces the switch-
ing frequency in order to strongly reduce the duty cycle.
A transconductance error amplifier.
A pulse width modulator (PWM) comparator and the relative logic circuitry necessary to drive
the internal power.
An high side driver for the internal P-MOS switch.
An inhibit block for stand-by operation.
A circuit to realize the thermal protection function.
Figure 4. Block Diagram
3.1 POWER SUPPLY & VOLTAGE REFERENCE
The internal regulator circuit (shown in Figure 2) consists of a start-up circuit, an internal voltage Prereg-
ulator, the Bandgap voltage reference and the Bias block that provides current to all the blocks.
The Starter gives the start-up currents to the whole device when the input voltage goes high and the de-
vice is enabled (inhibit pin connected to ground).
The Preregulator block supplies the Bandgap cell with a preregulated voltage VREG that has a very low
supply voltage noise sensitivity.
INHIBIT
VOLTAGES
MONITOR
PEAK TO PEAK
CURRENT LIMIT
THERMAL
SHUTDOWN
E/A
PWM
1.235V
+
-
-
+
OSCILLATOR
D
Ck
Q
FREQUENCY
SHIFTER
TRIMMING
SUPPLY
1.235V
3.5V
DRIVER
VREF
BUFFER
LPDMOS
POWER
FB
SYNC
COMP
INH
VREF
GND
OUT
VCC
D00IN1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com