Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 2Page - STMicroelectronics L5973AD Datasheet HTML 3Page - STMicroelectronics L5973AD Datasheet HTML 4Page - STMicroelectronics L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
L5973AD
6/14
Figure 6. Oscillator Circuit
3.4 CURRENT PROTECTION
The L5973AD has two current limit protections, pulse by pulse and frequency fold back.
The schematic of the current limitation circuitry for the pulse by pulse protection is shown in figure 7.
The output power PDMOS transistor is split in two parallel PDMOS. The smallest one has a resistor in series,
RSENSE. The current is sensed through Rsense and if reaches the threshold, the mirror is unbalanced and the
PDMOS is switched off until the next falling edge of the internal clock pulse.
Due to this reduction of the ON time, the output voltage decreases.
Since the minimum switch ON time (necessary to avoid false overcurrent signal) is not enough to obtain a suf-
ficiently low duty cycle at 500KHz, the output current, in strong overcurrent or short circuit conditions, could in-
crease again. For this reason the switching frequency is also reduced, so keeping the inductor current under its
maximum threshold. The Frequency Shifter (see fig. 6) depends on the feedback voltage. As the feedback volt-
age decreases (due to the reduced duty cycle), the switching frequency decreases too.
Figure 7. Current Limitation Circuitry
FREQUENCY
SHIFTER
CLOCK
GENERATOR
RAMP
GENERATOR
SYNCHRONIZATOR
CLOCK
RAMP
Ibias_osc
SYNC
t
D00IN1131
DRIVER
NOT
A1
PWM
VCC
OUT
A1/A2=95
IL
RSENSE
D00IN1134
IOFF
I
I
RTH
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com