Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 1 Page - STMicroelectronics

  L5973AD Datasheet HTML 1Page - STMicroelectronics L5973AD Datasheet HTML 2Page - STMicroelectronics L5973AD Datasheet HTML 3Page - STMicroelectronics L5973AD Datasheet HTML 4Page - STMicroelectronics L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
L5973AD
December 2004
1
GENERAL FEATURES
■ 2A INTERNAL SWITCH
■ OPERATING INPUT VOLTAGE FROM 4.4V TO 36V
■ 3.3V / (
±2%) REFERENCE VOLTAGE
■ OUTPUT VOLTAGE ADJUSTABLE FROM
1.235V TO 35V
■ LOW DROPOUT OPERATION: 100% DUTY
CYCLE
■ 500KHz INTERNALLY FIXED FREQUENCY
■ VOLTAGE FEEDFORWARD
■ ZERO LOAD CURRENT OPERATION
■ INTERNAL CURRENT LIMITING
■ INHIBIT FOR ZERO CURRENT
CONSUMPTION
■ SYNCHRONIZATION
■ PROTECTION AGAINST FEEDBACK
DISCONNECTION
■ THERMAL SHUTDOWN
1.1 APPLICATIONS:
■ CONSUMER: STB, DVD, TV, VCR,CAR
RADIO, LCD MONITORS
■ NETWORKING: XDSL, MODEMS,DC-DC
MODULES
■ COMPUTER: PRINTERS, AUDIO/GRAPHIC
CARDS, OPTICAL STORAGE, HARD DISK
DRIVE
■ INDUSTRIAL: CHARGERS, CAR BATTERY
DC-DC CONVERTERS
2
DESCRIPTION
The L5973AD is a step down monolithic power
switching regulator with a switch current limit of 2A so
it is able to deliver more than 1.5A DC current to the
load depending on the application conditions.
The output voltage can be set from 1.235V to 35V.
The high current level is also achieved thanks to an
SO8 package with exposed frame, that allows to re-
duce the Rth(j-amb) down to approximately 40°C/W
The device uses an internal P-Channel D-MOS tran-
sistor (with a typical of 200m
Ω) as switching element
to avoid the use of bootstrap capacitor and guarantee
high efficiency.
An internal oscillator fixes the switching frequency at
500KHz to minimize the size of external components.
Having a minimum input voltage of 4.4V only, it is
particularly suitable for 5V bus, available in all com-
puter related applications.
Pulse by pulse current limit with the internal frequen-
cy modulation offers an effective constant current
short circuit protection.
2A SWITCH STEP DOWN SWITCHING REGULATOR
Figure 2. Test and Application Circuit
D03IN1453
8
4
5
1
7
L5973AD
C1
10
µF
35V
CERAMIC
C2
330
µF
10V
VOUT=3.3V
VIN = 4.4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS340U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L5973AD
HSOP8
L5973ADTR
HSOP8 in Tape & Reel
HSOP8 (Exposed pad)
Rev. 3


Similar Part No. - L5973AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5973AD STMICROELECTRONICS-L5973AD Datasheet
491Kb / 21P
2 A switch step down switching regulator
10-Jan-2008
L5973ADTR STMICROELECTRONICS-L5973ADTR Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5973ADTR STMICROELECTRONICS-L5973ADTR Datasheet
491Kb / 21P
2 A switch step down switching regulator
10-Jan-2008
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
More results

Similar Description - L5973AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
2A switch step down switching regulator for automotive applications
05-Nov-2007
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
2A Step-Down Switch-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com