Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9909 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9909
Description  DC MOTOR DRIVER WITH POSITION CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9909 Datasheet(HTML) 2 Page - STMicroelectronics

  L9909 Datasheet HTML 1Page - STMicroelectronics L9909 Datasheet HTML 2Page - STMicroelectronics L9909 Datasheet HTML 3Page - STMicroelectronics L9909 Datasheet HTML 4Page - STMicroelectronics L9909 Datasheet HTML 5Page - STMicroelectronics L9909 Datasheet HTML 6Page - STMicroelectronics L9909 Datasheet HTML 7Page - STMicroelectronics L9909 Datasheet HTML 8Page - STMicroelectronics L9909 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC battery supply voltage
-0.3 to 55
V
VCC_t
Transient battery supply voltage (Figs. 4 and 5)
-0.3 to VCC_CL (*)
V
Vin
Voltage at VCOM and VFB pins
-0.3 to VCC +0.3
V
VROSC
Voltage AT ROSC pin
-0.3 to 7
V
VCOSC
Voltage at COSC pin for VCC >16V
-0.3 to16
V
Voltage at COSC pin for VCC >16V
-0.3 to VCC +0.3
V
ICC
Current at VCC GND, M+ and M-
±1.9
A
ICC_t
Transient Current at VCC GND (figs. 4 and 5)
±4A
Isig
Current at VFB, VCOM, COSC and ROSC
±10
mA
Pd
Device Power Dissipation
internally limited
W
Tj
Junction Temperature
-40 to 150
°C
Tstg
Storage and Junction Temperature
-55 to 150
°C
VESD
ESD Voltage Level (Human body Model - MIL STD883C)
±2000
V
(*) NOTE: SELF PROTECTING
Stressed above those listed under”Absolute Maximum Ratings” may cause permanent damage to the device . This is a stress rating anly and
functional operation of the device at any condition above those indicated in the operational section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance Junction to case (pin 1)
70
°C/W
GND
COSC
VFB
VCOM
1
3
2
4M-
VCC
ROSC
M+
8
7
6
5
D99AT436
PIN CONNECTION
L9909
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com