Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9909 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9909
Description  DC MOTOR DRIVER WITH POSITION CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9909 Datasheet(HTML) 6 Page - STMicroelectronics

  L9909 Datasheet HTML 1Page - STMicroelectronics L9909 Datasheet HTML 2Page - STMicroelectronics L9909 Datasheet HTML 3Page - STMicroelectronics L9909 Datasheet HTML 4Page - STMicroelectronics L9909 Datasheet HTML 5Page - STMicroelectronics L9909 Datasheet HTML 6Page - STMicroelectronics L9909 Datasheet HTML 7Page - STMicroelectronics L9909 Datasheet HTML 8Page - STMicroelectronics L9909 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Over Current Protection.
The driver output pins (M+ and M-) are over cur-
rent protected by 4 separate linear current limit-
ers, one for each of the 4 power output transis-
tors. The output drivers resume normal operation
as soon as the over current is removed.
Motor Over Voltage Protection.
The motor is over voltage protected by switching
off (to Hi-Z) the M+ and M- output drivers, when
Vcc rises above the 19V typ. over voltage shut
down threshold.
Over Temperature Protection.
The chip is over temperature protected by switch-
ing off (to Hi-Z) the M+ and M- output drivers.
Power Supply Transient Protections.
The device provides over voltage suppression for
fast Vcc voltage transients (Fig. 5). The Vcc is
clamped at typ. 70V by turning on all four, bridge
connected, power output transistors. They are
roughly subjected to equal currents and voltages
for even transient energy distribution.
The over voltage suppression is deactivated for
slow Vcc voltage transients (Fig. 4) by raising the
Vcc voltage clamp at typ. 80V.
M
M+
M-
-
-
+
+
OSCILLATOR
U709
R osc
27K
Ω
Cosc
10nF
1nF
1nF
GND
COSC
ROSC
VCOM
VFB
1K
Ω
1K
Ω
EMI
Protection
Networ k
100nF
DC
MOTOR
VCC
Reverse Battery
Protection Diode
GROUND
POWER
100nF
1nF
Figure 6. Recommended Application Diagram for Positive Control
M
M+
M-
-
-
+
+
OSCILLATOR
U709
Rosc
27K
Ω
Cosc
10nF
1nF
1nF
GND
COSC
ROSC
VCOM
VFB
10K
Ω
20K
Ω
EMI
Protection
Capacitors
100nF
DC
MOTOR
VCC
Reverse Battery
Protection Diode
GROUND
POWER
100nF
1nF
DIR
20K
Ω
Protection
Resistor
DIR
Threshold
Voltage
Figure 7. Recommended Application Diagram for Direction Control
L9909
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com