Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9909 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9909
Description  DC MOTOR DRIVER WITH POSITION CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9909 Datasheet(HTML) 3 Page - STMicroelectronics

  L9909 Datasheet HTML 1Page - STMicroelectronics L9909 Datasheet HTML 2Page - STMicroelectronics L9909 Datasheet HTML 3Page - STMicroelectronics L9909 Datasheet HTML 4Page - STMicroelectronics L9909 Datasheet HTML 5Page - STMicroelectronics L9909 Datasheet HTML 6Page - STMicroelectronics L9909 Datasheet HTML 7Page - STMicroelectronics L9909 Datasheet HTML 8Page - STMicroelectronics L9909 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 7 to 18V; Tj = -40 to 85
°C, unless otherwise specified.)
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER SUPPLY
VCC
ICC
Quiescent Supply Current
IM+ =IM- =0, IROSC = 100
µA;
VCOSC =0
10
mA
VCC_OV
Over Voltage Shut Down
18
20
V
VCC_OVdel
Over Voltage Shut Down Delay
130
µs
VCC_min
Minimum VCC Operating
Voltage - Other Parameter
may not be in spec
5.5
V
VCC_CL
Battery Supply Clamp Voltage
Transients of Fig.5
70
80
V
Td_ov_1
Battery Supply Clamp Time
Transients of Fig.5
130
1000
µs
Td_ov_2
Battery Supply Clamp Time
Transients of Fig.4
1
ms
OSCILLATOR
COSC
ROSC
ROSC
Oscillator Resistor
10
100
K
Ω
COSC
Oscillator Capacitor
2
100
nF
TOUT
Timer Run Time
16384
TOSC
FOSC
Oscillator Frequency
ROSC 27K
Ω;COSC = 10nF
430
530
630
Hz
ROSC
Vrosc
Voltage at ROSC pin
ROSC 27K
Ω
14.2
%VCC
COSC
ICOSC
Current at COSC pin
ROSC 27K
Ω
-20
IROSC
20
%
VTHCOSC
High Threshold Voltage
56.6
1000 %VCC
VTLCOSC
Low Threshold Voltage
6.6
1000 %VCC
VLINERR
Voltage Ramp Linearity Error
-20
20
%
PIN FUNCTIONS
N.
Name
Function
1
GND
Ground
2
COSC
Oscillator Capacitor
3
VFB
Position Feedback Voltage
4
VCOM
Position Command Voltage
5
M-
Negative Motor Terminal
6
VCC
Power Supply
7
ROSC
Oscillator Resistor
8
M+
Positive Motor Terminal
L9909
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com