Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9909 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9909
Description  DC MOTOR DRIVER WITH POSITION CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9909 Datasheet(HTML) 5 Page - STMicroelectronics

  L9909 Datasheet HTML 1Page - STMicroelectronics L9909 Datasheet HTML 2Page - STMicroelectronics L9909 Datasheet HTML 3Page - STMicroelectronics L9909 Datasheet HTML 4Page - STMicroelectronics L9909 Datasheet HTML 5Page - STMicroelectronics L9909 Datasheet HTML 6Page - STMicroelectronics L9909 Datasheet HTML 7Page - STMicroelectronics L9909 Datasheet HTML 8Page - STMicroelectronics L9909 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Position Feedback.
As shown in Figs. 3 and 6, a positive error voltage
VERR = VCOM - VFBK drives the motor with a
positive M+ voltage with respect to M-. A correct
negative electro-mechanical feedback is estab-
lished when the motor, supplied with a positive
M+ voltage with respect to M-, drives the feed-
back potentiometerwiper to Vcc.
Rest Zone.
When the differential input voltage VERR crosses
the zero Volts threshold, as detected by the preci-
sion comparator COMP1, the motor is braked by
driving it with a zero Volts voltage.
As long as VERR is kept inside the Rest Zone,
ranging from -VSTR to +VSTR (see Figs. 1 and
2), no electrical stimulus is applied to the motor
terminals. When in the Rest Zone M+ and M- are
both driven to Vcc.
Running Zone.
When the input error voltage VERR goes out of
the Rest Zone (see Figs. 1 and
2) the motor
starts and the wiper voltage VFB of the feedback
potentiometer moves in the direction of the input
voltage VCOM, bringing the VERR voltage back
to zero.
When VERR becomes lower than (Vcc-VSTP)/10,
a proportional control activates. The motor volt-
age at M+ and M- lowers with a rate factor of 10
times VERR. This motor voltage is generated, ac-
cording to the motor direction, by connecting to
Vcc one motor terminal and by switching the op-
posite one with a PWM control.
When
approaching
the
target
position,
at
VERR=0, the motor jumps into the Rest Zone
from a residual VSTP supply voltage. This control
is suitable for motors that still run with the min.
VSTP=2.5V residual supply voltage in all condi-
tions, ensuring that the rest position is finally
reached. But at the same time the
max.
VSTP=3.5V should not make any motor run too
fast and stop far away from the set point for me-
chanical inertia, or even get out of the rest zone
possibly starting oscillations.
Time Out Counter.
The Time Out is performed by a 14 Bit Counter
that counts 16384 Tosc periods. When the input
error voltage VERR goes out of the Rest Zone the
motor and the counter start. The motor stops at
the VERR zero crossing or when the Counter
times out, whichever comes first.
Direction Control.
The motor can be driven in both direction and
stopped by the timer as shown in Fig. 7.
The bias voltage at VFB input sets the threshold
voltage for the direction control input pin (DIR).
VFB and VCOM inputs may be swapped causing
the motor to reverse directions.
M
-
-
+
+
M+
M-
VFB
VCOM
U709
Vcc
GND
Vcc
VERR
VOUT
ICOM
IFB
Figure 3. L9909 Simplified Application Diagram
Vs = 60V
Source resistance = 0.5
Ω
1ms < tr < 10ms
T = 400ms
t1 = 10s
Time
Vcc
Vs
10%
90%
tr
T
Figure 4. Load Dump Transient
Vs = 100V
Source resistance = 10
Ω
tr = 1
µs
T = 200
µs to 500µs
t1 = 200ms to 500ms
Time
Vcc
Vs
10%
90%
tr
T
t1
Figure 5. Inductive Switching Transient - Positive
L9909
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com