Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9909 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9909
Description  DC MOTOR DRIVER WITH POSITION CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9909 Datasheet(HTML) 1 Page - STMicroelectronics

  L9909 Datasheet HTML 1Page - STMicroelectronics L9909 Datasheet HTML 2Page - STMicroelectronics L9909 Datasheet HTML 3Page - STMicroelectronics L9909 Datasheet HTML 4Page - STMicroelectronics L9909 Datasheet HTML 5Page - STMicroelectronics L9909 Datasheet HTML 6Page - STMicroelectronics L9909 Datasheet HTML 7Page - STMicroelectronics L9909 Datasheet HTML 8Page - STMicroelectronics L9909 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DESCRIPTION
Oscillator.
The output current at ROSC pin is mirrored to
COSC pin with a proper direction according to its
voltage slope.
The triangular wave form at COSC pin, being
compared with a threshold, defines the PWM duty
cycle at the motor driver output M+ and M-.
The oscillator also supplies the time base for the
switch off and switch on delays and the Time Out
Counter.
The typical oscillator period is:
Tosc = 7.04 x Rosc x Cosc
February 2001
®
150K
Ω
150K
Ω
OP1
COMP1
+
-
- +
01
0
1
1
2
+
-
VR3=6.6% Vcc
COMP7
+
switch on
DELAY
VR7 =
7.5% Vcc
switch off
D ELAY
35V
35V
VR3 =
6.6% Vcc
VR2 =
56.6% Vcc
COMP2
COMP3
I
I
curr.
sense
I
OSCILLATOR
OP8
+
-
VR8 =
14.2% Vcc
COMP4
pwm
DELAY
+
VR4 = 1.5V
COUN TER
RES
TIME OUT
Vcc
Tck
FF
S
R
Vcc
Tck
Vcc
ROSC
GND
M+
M-
VR2=56.6%Vcc
VR3=6.6%Vcc
TEMP.
SENSE
Current ratio = 1 : 2
VR5 = 6.6% Vcc
| 5 Verr|
curr.
limit
curr.
limit
Vcc
Vcc
Vcc
16V
VR2 =
56.6% Vcc
VR3 =
6.6% Vcc
7V
Td_on
Td_pwm
Td_off
10V
open
over
temp.
VOLT.
SENSE
over volt.
over volt.
DELAY 1
Td_ov_1
(130
µs)
Vcc
open
START
Latch
IN
STOP
STOP
START
DIRECTION
PWM
DRIVE R
CONTROL
OFF
OFF
over volt.
D ELAY2
Td_ov_2
(1ms)
Q
curr.
limit
curr.
limit
BLOCK DIAGRAM
MInidip
ORDERING NUMBER: L9909
L9909
DC MOTOR DRIVER WITH POSITION CONTROL
1/9


Similar Part No. - L9909

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9903 STMICROELECTRONICS-L9903 Datasheet
271Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2005
L9903 STMICROELECTRONICS-L9903 Datasheet
230Kb / 17P
MOTOR BRIDGE CONTROLLER
23-Sep-2013
L9903TR STMICROELECTRONICS-L9903TR Datasheet
271Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2005
L9903TR STMICROELECTRONICS-L9903TR Datasheet
230Kb / 17P
MOTOR BRIDGE CONTROLLER
23-Sep-2013
L9903 STMICROELECTRONICS-L9903_V01 Datasheet
230Kb / 17P
MOTOR BRIDGE CONTROLLER
23-Sep-2013
More results

Similar Description - L9909

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
PWM Current Control Type DC Motor Driver
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
Brushed DC Motor Driver IC With PWM Control
logo
Nell Semiconductor Co.,...
195PT NELLSEMI-195PT Datasheet
833Kb / 3P
DC motor control
1000PT NELLSEMI-1000PT Datasheet
489Kb / 2P
DC motor control
logo
Texas Instruments
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8872 TI1-DRV8872_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Fault Reporting (PWM Control)
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com