Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9909 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9909
Description  DC MOTOR DRIVER WITH POSITION CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9909 Datasheet(HTML) 4 Page - STMicroelectronics

  L9909 Datasheet HTML 1Page - STMicroelectronics L9909 Datasheet HTML 2Page - STMicroelectronics L9909 Datasheet HTML 3Page - STMicroelectronics L9909 Datasheet HTML 4Page - STMicroelectronics L9909 Datasheet HTML 5Page - STMicroelectronics L9909 Datasheet HTML 6Page - STMicroelectronics L9909 Datasheet HTML 7Page - STMicroelectronics L9909 Datasheet HTML 8Page - STMicroelectronics L9909 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued.)
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT OUTPUT TRANSER FUNCTION
VCOM
VFB
COSC
M+
M-
AV
Input Output Gain
7
10
14
VSTP
Stop Motor Voltage
VSTP =2 VR4
2.5
3
3.5
V
VSTR
Start Error Voltage
VSTR =VR7/5
1
1.5
2
%VCC
Voff_c1
Comp 1 Input Offset Voltage
Error Voltage when the motor
starts braking
-20
20
mV
Ton
Switch on Delay
1
2
TOSC
Toff
Switch off Delay
1
2
TOSC
VCOM
VFB
Rdiff
Differential Input Impedance
(see fig 3)
2VCOM
− VFB
Icom
− IFB
100
300
K
Ω
Rcom
Common Mode Input (see fig 3)
VCOM
+ VFB
Icom
+ IFB
50
K
Ω
OUTPUT DRIVERS
M+
M-
RON_H
High Side RDS
IM+ =IM- = 0.3A; VCC =13.5V
0.6
1.5
Ω
IM+ =IM- = 0.3A; VCC =7V
1
2.6
Ω
RON_L
Low Side RDS
IM+ =IM- = 0.3A; VCC =13.5V
0.6
1.5
Ω
IM+ =IM- = 0.3A; VCC =7V
1
2.6
Ω
ILIM
Output Current Limit for each
of 4 Output Transistors
Separately
1
1.9
A
TR
Output Rise Time
20% to 80%
20
µs
TF
Output Fall Time
80% to20%
20
µs
VMTRAN
|V(M+) - V(M-)| Output Voltage
During VCC Transients
Transients of figs.4 and 5
20
V
THSHDN
Thermal Shutdown
170
°C
VOUT
Vcc
Vcc
∆VOUT
∆Verr
=10
-Vcc
-Vcc
VSTR =
1.5% Vcc
VSTP
Vcc-VSTP
10
Verr
-VSTP
VSTR =
-1.5% Vcc
Vcc-VSTP
10
Figure 1. Static Transfer Characteristic. Error
Voltage vs. Output Voltage
VOUT
Vcc
100
∆VOUT
∆Verr
=10
-100
-Vcc
1.5
Perr [%]
-VSTP
-1.5
VSTP
10 (1+ -------)
VSTP
Vcc
-10 (1+ -------)
VSTP
Vcc
Figure 2. Static Transfer Characteristic. Position
Error Voltage vs. Output Voltage
Perr = Verr/VCC
L9909
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com