Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621B Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4621B
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4621B Datasheet HTML 18Page - STMicroelectronics TS4621B Datasheet HTML 19Page - STMicroelectronics TS4621B Datasheet HTML 20Page - STMicroelectronics TS4621B Datasheet HTML 21Page - STMicroelectronics TS4621B Datasheet HTML 22Page - STMicroelectronics TS4621B Datasheet HTML 23Page - STMicroelectronics TS4621B Datasheet HTML 24Page - STMicroelectronics TS4621B Datasheet HTML 25Page - STMicroelectronics TS4621B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Electrical characteristics
TS4621B
22/48
Doc ID 022194 Rev 2
Figure 58.
THD+N vs. output voltage
RL = 10 k
Ω
Figure 59.
THD+N vs. output voltage
RL = 600
Ω
F=80Hz
F=1kHz
F=8kHz
RL = RC network + 10k
Ω
Vcc = 2.3V to 4.8V, G = 4dB
Inputs = 0
° & 180°
BW < 30kHz, Tamb = 25
°C
F=80Hz
F=1kHz
F=8kHz
RL = RC network + 600
Ω
Vcc = 2.3V to 4.8V, G = 4dB
Inputs = 0
° & 180°
BW < 30kHz, Tamb = 25
°C
Figure 60.
THD+N vs. input voltage, HiZ left
and right
Figure 61.
CMRR vs. frequency
Line In F=8kHz
Line In F=1kHz
Reference F=80Hz, 1kHz, 8kHz
Line In F=80Hz
HiZ Left & Right
Vcc = 2.3V to 4.8V
Zout generator = 1k
Ω
BW < 30kHz, Tamb = 25
°C
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Δ
≥
Ω
°
Figure 62.
PSRR vs. frequency
VCC = 2.5 V
Figure 63.
PSRR vs. frequency
VCC = 3.6 V
100
1000
10000
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=-6dB
G=0dB
G=4dB
20k
20
≥
Ω
°
100
1000
10000
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=-6dB
G=0dB
G=4dB
20k
20
≥
Ω
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com