Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621B Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS4621B
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS4621B Datasheet HTML 27Page - STMicroelectronics TS4621B Datasheet HTML 28Page - STMicroelectronics TS4621B Datasheet HTML 29Page - STMicroelectronics TS4621B Datasheet HTML 30Page - STMicroelectronics TS4621B Datasheet HTML 31Page - STMicroelectronics TS4621B Datasheet HTML 32Page - STMicroelectronics TS4621B Datasheet HTML 33Page - STMicroelectronics TS4621B Datasheet HTML 34Page - STMicroelectronics TS4621B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
TS4621B
Application information
Doc ID 022194 Rev 2
31/48
4.3
Overview of the class-G, 2-level headphone amplifier
The TS4621B uses what is referred to as class-G operating mode. This mode is a
combination of the class-AB biasing technique and an adaptive power supply. For this
device, the power supply uses two levels: ±1.2 V and ±1.9 V.
To create the ±1.2 V and ±1.9 V levels, the device uses an internal high-efficiency step-
down converter linked with a fully capacitive inverter from AVdd. Thanks to these internally-
generated symmetrical power supply voltages, the output of the amplifier can be biased at
0 V, thus eliminating the classical bulky DC blocking output capacitors (typically more than
100
μF).
Figure 75.
TS4621B architecture
When an audio signal is playing with the TS4621B, the class-G feature adjusts in real time
the internal power supply voltage in order to achieve the best efficiency possible. In addition,
thanks to the fast transient response of the internal DC/DC converters, the switching
between ±1.2 V and ±1.9 V can be achieved without audio clipping. Moreover, the out-of-
audio band DC/DC switching frequency keeps the audio quality at a high level (distortion,
noise, etc…).
C12
2.2 uF
Cs
2.2 uF
Css
2.2 uF
Ct
10 uF
L1
3.3 uH
Vbat
Full capacitive
inverter
Vout
In+
In-
1.2 V to 1.9 V
-1.2 V to -1.9 V
0 V
+Vout
-Vout
Level
detector
DC/DC
control
HPVdd
PVss
AM06150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com