Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621B Datasheet(PDF) 37 Page - STMicroelectronics

Part # TS4621B
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TS4621B Datasheet HTML 33Page - STMicroelectronics TS4621B Datasheet HTML 34Page - STMicroelectronics TS4621B Datasheet HTML 35Page - STMicroelectronics TS4621B Datasheet HTML 36Page - STMicroelectronics TS4621B Datasheet HTML 37Page - STMicroelectronics TS4621B Datasheet HTML 38Page - STMicroelectronics TS4621B Datasheet HTML 39Page - STMicroelectronics TS4621B Datasheet HTML 40Page - STMicroelectronics TS4621B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
TS4621B
Application information
Doc ID 022194 Rev 2
37/48
Figure 79.
Single-ended input configuration1
Figure 80.
Single-ended input configuration 2
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
1
2
3
J1
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
I²C bus
+
-
+
-
I2C
Negative
supply
Positive
supply
AGnd
C1
C2
SDA
SCL
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Audio driver
Left output
Right output
Audio driver ground
AM06152
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
1
2
3
J1
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
I²C bus
+
-
+
-
I2C
Negative
supply
Positive
supply
AGnd
C1
C2
SDA
SCL
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Audio driver
Left output
Right output
Audio driver ground
AM06153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com