Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621B Datasheet(PDF) 34 Page - STMicroelectronics

Part # TS4621B
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TS4621B Datasheet HTML 30Page - STMicroelectronics TS4621B Datasheet HTML 31Page - STMicroelectronics TS4621B Datasheet HTML 32Page - STMicroelectronics TS4621B Datasheet HTML 33Page - STMicroelectronics TS4621B Datasheet HTML 34Page - STMicroelectronics TS4621B Datasheet HTML 35Page - STMicroelectronics TS4621B Datasheet HTML 36Page - STMicroelectronics TS4621B Datasheet HTML 37Page - STMicroelectronics TS4621B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Application information
TS4621B
34/48
Doc ID 022194 Rev 2
4.4.3
Full capacitive inverter capacitors selection (C12 and Css)
Two capacitors (C12 and Css) are needed for this internal DC/DC inverter.
The three criteria for selecting theses capacitors are the range value of the capacitor
including self tolerance, DC variation and the minimum ESR to minimize power losses.
●
Typical capacitor value: 2.2 µF +/-20 %
●
Voltage across these capacitors: from 1.1 V to 2 V
●
Minimum capacitor value: 1 µF
Again, a ceramic capacitor in a 0603 or 0402-type package is also recommended because
of their close placement to the TS4621B, which makes it easier to minimize parasitic
inductance and resistance that have a negative impact on the audio performance.
4.4.4
Power supply decoupling capacitor selection (Cs)
A 2.2 µF decoupling capacitor with low ESR is recommended for positive power supply
decoupling. Packages such as the 0402 or 0603 are also recommended because of their
close placement to the TS4621B, which makes it easier to minimize parasitic inductance. It
is advised to choose a X5R dielectric for capacitor tolerance, and a 10 V DC rating voltage
for 4.8 V operations (or a 6.3 V DC rating voltage for 3.6 V operations), to take into
consideration the
ΔC/ΔV variation of this type of ceramic capacitor.
An important parameter is the rated voltage of the capacitor. A 2.2 µF/6.3 V capacitor used
at 4.8 V DC typically loses about 40 % of its value. In fact, with a 4.8 V power supply voltage,
the decoupling value is about 1.3 µF instead of 2.2 µF. Because the decoupling capacitor
influences the THD+N in the medium-to-high frequency region, this capacitor variation
becomes decisive. In addition, less decoupling means higher overshoots, which can be
problematic if they reach the power supply’s AMR value (5.5 V). This is why, for a 2.2 µF
value, we recommend a 2.2 µF/10 V, a 4.7 µF/6.3 V or a ceramic capacitor with a low DC
bias variation rated at 6.3 V.
4.4.5
Input coupling capacitor selection (Cin)
Cin input coupling capacitors are mandatory for the TS4621B’s operation. They block any
DC component coming from the audio signal source.
Cin with Rin form a first-order high-pass filter and the -3 dB cutoff frequency is:
Rin is the single-ended input impedance that can be approximated at about Rindiff/2.
Rin also depends on the gain setting. Figure 19 provides the differential input impedance vs.
gain. One can also see that Rindiff is minimum for the maximum gain setting (that is, 4 dB).
Table 15.
Recommended capacitor
Manufacturer
Part number
Value
Murata
GRM188R60J106ME47
10 µF, 6.3 V, X5R
GRM188R60J106ME84
10 µF, 6.3 V, X5R
GRM188R61E106ME73
10 µF, 25 V, X5R
FC
3dB
–
()
1
2
π Rin Cin
×
×
×
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com