Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621B Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS4621B
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS4621B Datasheet HTML 29Page - STMicroelectronics TS4621B Datasheet HTML 30Page - STMicroelectronics TS4621B Datasheet HTML 31Page - STMicroelectronics TS4621B Datasheet HTML 32Page - STMicroelectronics TS4621B Datasheet HTML 33Page - STMicroelectronics TS4621B Datasheet HTML 34Page - STMicroelectronics TS4621B Datasheet HTML 35Page - STMicroelectronics TS4621B Datasheet HTML 36Page - STMicroelectronics TS4621B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
TS4621B
Application information
Doc ID 022194 Rev 2
33/48
4.4
External component selection
The TS4621B requires few external passive components to operate correctly. Each
component is described in the following sections.
4.4.1
Step-down inductor selection (L1)
The TS4621B needs one inductor for the internal step-down DC/DC converter. This inductor
must fit the following constraints:
●
Typical value: 2.2 µH to 3.3 µH (3.3 µH is recommended).
●
Maximum current in operating mode: 400 mA
●
Minimum inductor value at maximum current: 1.5 µH
●
Maximum inductor value at zero current: 4.3 µH
●
DC resistance: from 50 m
Ω up to 450 mΩ
Table 14 shows the part number that should be used according to the inductor value.
4.4.2
Step-down output capacitor selection (Ct)
For the internal DC/DC step-down converter, the TS4621B needs one output capacitor.
The three criteria for selecting the output capacitor are the range value of the capacitor
including self tolerance, DC variation and the minimum ESR value, which is mandatory to
avoid oscillation of the converter. Therefore the following constraints must be observed.
●
Typical capacitor value: 10 µF at DC = 0 V
●
Maximum capacitor value: 12 µF at DC = 0 V
●
Minimum capacitor value: 4.8 µF at DC = 2 V
●
Voltage range across this capacitor: from 1.1 V to 2 V
●
Minimum DC ESR value: 5 m
Ω
A ceramic capacitor in a 0603-type package is also recommended because of its close
placement to the TS4621B, which makes it easier to minimize parasitic inductance and
resistance that have a negative impact on the audio performance.
Table 14.
Recommended inductor
Manufacturer
Part number
Value
Murata
LQM21PN3R3NGRD
3.3 µH
LQM2MPN3R3G0L
3.3 µH
LQM2MPN2R2G0L
2.2 µH
FDK
MIPSZ2012D3R3
3.3 µH
MIPSZ2012D2R2
2.2 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com